Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 79Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 80Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 81Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 82Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 83Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 84Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 85Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 86Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
83 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
The other PCA8530 devices are having the OSC pin connected to VDD1, meaning that
these devices are ready to receive an external clock signal which is provided by the
master device with subaddress A[1:0] = 00.
If the master is providing the clock signal to the slave devices, care must be taken that the
sending of display enable or disable will be received by both, the master and the slaves at
the same time. When the display is disabled, the output from pin CLK is disabled too. The
disconnection of the clock may result in a DC component for the display.
In cascaded applications that use an external clock, all devices have the OSC pin
connected to VDD1 and thus an external CLK being provided for the system (all devices
connected to the same external CLK).
15.2.3 Display data
The storage of display data is determined by the contents of the device address register
(see Section 8.2.3 on page 11). Storage is allowed only when the content of the device
address register matches with the hardware device address applied to the pins A0 and
A1. If the content of the device address register and the hardware device address do not
match, data storage is inhibited but the data pointer is incremented as if data storage had
taken place. The hardware device address must not be changed while the device is being
accessed on the interface.
15.2.4 Data read
Only when the content of the device address register (see Section 8.2.3 on page 11)
matches with the hardware device address applied to the pins A0 and A1, the temperature
or device status readout (see Section 8.2.7 on page 13) is activated. If the content of the
device address register and the hardware device address do not match, the data output
pin (SDA or SDO) of the device is in 3-state. With this, bus conflicts and incorrect reading
is prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com