Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 6Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 7Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 8Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 11Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 12Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 13Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
10 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.2 General control commands
8.2.1 Initialization
8.2.1.1
Command: Initialize
This command generates a chip-wide reset of the device without changing the content of
the display RAM. For further information about start-up and shut-down, see Section 8.8 on
page 26.
8.2.1.2
RST pin
The RST pin generates a chip-wide reset of the device without changing the content of the
display RAM. For further information about start-up and shut-down, see Section 8.8 on
page 26.
8.2.2 Command: OTP-refresh
Each IC is calibrated during production and testing of the device in order to achieve the
specified accuracy of the VLCD, the frame frequency, and the temperature measurement.
This calibration is performed on EPROM cells called One Time Programmable (OTP)
cells. These cells are read by the device after a reset and every time when the Initialize
command or the OTP-refresh command is sent. The OTP-refresh command takes
approximately 10 ms to finish.
Table 6.
Initialize command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
00111010
fixed value
Table 7.
OTP-refresh - OTP-refresh command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 0
-
11011000
fixed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com