Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 36Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 37Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 38Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 39Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 40Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 41Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 42Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 43Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
40 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.10.4 Temperature measurement and temperature compensation of VLCD
8.10.4.1
Temperature readout
The PCA8530 has a built-in temperature sensor which provides an 8-bit digital value
(TD[7:0]) of the ambient temperature. This value can be read by command (see
Section 8.2.6 on page 12 and Section 8.2.7 on page 13). The actual temperature is
determined from TD[7:0] using Equation 3.
(3)
TD[7:0] = FFh means that no temperature readout is available or was performed. The
measurement needs about 8 ms to complete. It is repeated periodically every second as
long as bit TME is set logic 1 (see Table 17 on page 17).
Due to the nature of a temperature sensor, oscillations may occur. To avoid this, a filter
has been implemented in PCA8530. A control bit, TMF, is implemented to enable or
disable the digital temperature filter (see Table 17 on page 17). The system is exemplified
in Figure 21.
The digital temperature filter introduces a certain delay in the measurement of the
temperature. This behavior is illustrated in Figure 22.
Fig 21. Temperature measurement block with digital temperature filter
T
C

0.6275
TD 7:0
 40
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com