Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 3Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 4Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 5Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 6Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 7Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 8Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
7 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
[1]
The substrate (rear side of the die) is connected to VSS1 and should be electrically isolated.
[2]
If pin OSC is tied to VSS1, CLK is the output pin of the internal oscillator. If pin OSC is tied to VDD1, CLK is the input pin for the external
oscillator.
[3]
If cascading is not used, pin must be left floating; for cascading see Section 15.2 on page 80.
Bus-related pins
SPI-bus
I2C-bus
IFS
66, 67
input
interface selector input
• connect to VSS1
• connect to VDD1
SA0
70, 71
input
unused;
• connect to VSS1
slave address selector;
• connect to VSS1 for logic 0
• connect to VDD1 for logic 1
SA1
72, 73
input
CE
91, 92
input
chip enable input (active LOW)
unused;
• connect to VDD1
SDI/SDAIN
104 to 106
input
SPI-bus data input
I2C-bus serial data input
SDAOUT
107 to 111
output
unused;
• must be connected to VSS1
serial data output
SDO
112, 113
output
SPI serial data output
unused;
• must be left open
SCL
114 to 116
input
serial clock input
serial clock input
Table 4.
Pin description …continued
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com