Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA8530DUG/DA Datasheet HTML 1Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 2Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 3Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 4Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 5Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 6Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 7Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 8Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
1.
General description
The PCA8530 is a fully featured Chip-On-Glass (COG)1 Liquid Crystal Display (LCD)
driver, designed for high-contrast Vertical Alignment (VA) LCD with multiplex rates up to
1:4. It generates the drive signals for a static or multiplexed LCD containing up to
4 backplane, 102 segment outputs, and up to 408 segments/elements. The PCA8530
features an internal charge pump with internal capacitors for on-chip generation of the
LCD driving voltage. To ensure an optimal and stable contrast over the full temperature
range, the PCA8530 offers a programmable temperature compensation of the LCD supply
voltage. The PCA8530 can be easily controlled by a microcontroller through either the
two-line I2C-bus or a four-line bidirectional SPI-bus.
For a selection of NXP LCD segment drivers, see Table 58 on page 93.
2.
Features and benefits
AEC Q100 grade 2 compliant for automotive applications
Low power consumption
Extended operating temperature range from
40 C to +105 C
102 segments and 4 backplanes allowing to drive:
up to 51 7-segment numeric characters
up to 25 14-segment alphanumeric characters
any graphics of up to 408 segments/elements
408-bit RAM for display data storage
Two sets of backplane outputs providing higher flexibility for optimal COG layout
configurations
Up to 4 chips can be cascaded to drive larger displays with an internally generated or
externally supplied VLCD
Selectable backplane drive configuration: static, 2, or 4 backplane multiplexing
LCD supply voltage
Programmable internal charge pump for on-chip LCD voltage generation up to
5
 V
DD2
External LCD voltage supply possible as well
Selectable 400 kHz I2C-bus or 3 MHz SPI-bus interface
Selectable linear temperature compensation of VLCD
Selectable display bias configuration
Wide range for digital and analog power supply: from 2.5 V to 5.5 V
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Rev. 2 — 25 September 2014
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21 on page 95.


Similar Part No. - PCA8530DUG/DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8530DUG NXP-PCA8530DUG Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8530DUG NXP-PCA8530DUG Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCA8530DUG NXP-PCA8530DUG Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results

Similar Description - PCA8530DUG/DA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Princeton Technology Co...
PT16528 PTC-PT16528 Datasheet
379Kb / 4P
Automotive 18 x 4 LCD Segment Driver
logo
NXP Semiconductors
PCA8551 NXP-PCA8551 Datasheet
664Kb / 53P
Automotive 36 횞 4 LCD segment driver
Rev. 3.1-3 May 2021
PCA8561 NXP-PCA8561 Datasheet
694Kb / 50P
Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCE85176AUG NXP-PCE85176AUG Datasheet
395Kb / 48P
4 횞 40 LCD segment driver for Chip-On-Glass
Rev. 1-12 January 2015
PCA8553 NXP-PCA8553 Datasheet
667Kb / 52P
Automotive 40 횞 4 LCD segment driver
Rev. 4-1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com