Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 73 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 69Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 70Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 71Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 72Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 73Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 74Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 75Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 76Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
73 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
14. Dynamic characteristics
14.1 General dynamic characteristics
Table 49.
General dynamic characteristics
VDD1, VDD2, VDD3 = 2.5 V to 5.5 V; VSS1 = 0 V; VLCD = 4.0 V to 12.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and
VIH with an input voltage swing of VSS1 to VDD1.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk(int)
internal clock frequency
on pin CLK;
FF[4:0] = 00111;
Tamb =25 C
11088
11520
11952
Hz
fclk(ext)
external clock frequency
on pin CLK
6400
-
42700
Hz
tclk(H)
HIGH-level clock time
external clock source used
5
-
-
s
tclk(L)
LOW-level clock time
5
-
-
s
twL(RST_N)
RST_N LOW pulse width
3
-
-
s
Cb
capacitive load for each
bus line
I2C-bus
-
-
400
pF
Fig 51. Driver timing waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com