Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8530DUG/DA Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCA8530DUG/DA
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DA Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCA8530DUG/DA Datasheet HTML 61Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 62Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 63Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 64Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 65Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 66Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 67Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 68Page - NXP Semiconductors PCA8530DUG/DA Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
65 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
12. Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 8 “JESD22-A114”.
[2]
Pass level; latch-up testing according to Ref. 9 “JESD78” at maximum ambient temperature (Tamb(max)).
[3]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
Table 47.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
analog and digital
0.5
+6.5
V
VDD2
supply voltage 2
charge pump
0.5
+6.5
V
VDD3
supply voltage 3
analog
0.5
+6.5
V
IDD1
supply current 1
analog and digital
50
+50
mA
IDD2
supply current 2
charge pump
50
+50
mA
IDD3
supply current 3
analog
50
+50
mA
VLCD
LCD supply voltage
external supply, input on pin
VLCDIN
0.5
+20
V
IDD(LCD)
LCD supply current
50
+50
mA
Vi
input voltage
on pins CLK, OSC, A0, A1,
RST, IFS, SCL, SDI/SDAIN,
SA0, CE, SA1, SYNC0,
SYNC1
0.5
+6.5
V
on pin VLCDSENSE
0.5
+20
V
II
input current
10
+10
mA
VO
output voltage
on pins S0 to S101,
COM0 to COM3, VLCDOUT
0.5
+20
V
on pins SDO, SA0,
SDAOUT, CLK, SYNC0,
SYNC1
0.5
+6.5
V
IO
output current
10
+10
mA
ISS
ground supply current
50
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per
output
-100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
2000
V
Ilu
latch-up current
[2] -150
mA
Tstg
storage temperature
[3]
65
+150
C
Tamb
ambient temperature
operating device
40
+105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com