Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 18 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 14Page - NXP Semiconductors FXLS8967AF Datasheet HTML 15Page - NXP Semiconductors FXLS8967AF Datasheet HTML 16Page - NXP Semiconductors FXLS8967AF Datasheet HTML 17Page - NXP Semiconductors FXLS8967AF Datasheet HTML 18Page - NXP Semiconductors FXLS8967AF Datasheet HTML 19Page - NXP Semiconductors FXLS8967AF Datasheet HTML 20Page - NXP Semiconductors FXLS8967AF Datasheet HTML 21Page - NXP Semiconductors FXLS8967AF Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
SPI_MISO line in MSB first order. Figure 8 shows the bus protocol for a single-byte read
operation.
aaa-040840
A6 A5 A4 A3 A2
R/W
A1 A0
X
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D7 D6 D5 D4 D3 D2 D1 D0 D7
Figure 8.  SPI single-byte read protocol diagram (4-wire mode), R/W = 1
Multiple-byte read operations are performed similarly to single-byte reads with additional
bytes read out in multiples of eight SCLK cycles. FXLS8967AF auto-increments the
register read address so that every eighth clock edge latches the address of the next
sequential register read address. When the desired number of bytes has been read, a
rising edge on SPI_CS_B terminates the transaction.
aaa-040841
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
A6
1
2
3
4
5
6
7
8
9
10
11
12 13
14
15 16
17
18
19
20
21 22 23
24
25 26 27 28
29 30
31
32
A5 A4 A3 A2
R/W
A1 A0
X
X
X
X
X
X
X
X
X
X
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Figure 9. SPI multiple-byte read protocol diagram (4-wire mode), R/W = 1
13.4 SPI read operations with 3-wire mode
FXLS8967AF can be configured to operate in 3-wire software enabled SPI mode. In
this mode, the SPI_MISO pin is left unconnected and the SPI_MOSI pin becomes a
bidirectional input/output pin (SPI_DATA). Read operations in 3-wire mode are the same
as write operations in 3- and 4-wire modes, except that at the end of the address cycle
(falling edge of clock pulse 16), the SPI_DATA pin automatically switches from an input to
an output and with bit D7 as the current output state.
aaa-040842
A6 A5 A4 A3 A2
R/W
A1 A0
X
High-Impedance
SPI_MISO
SPI_DATA
SCLK
SPI_CS_B
X
X
X
X
X
X
X
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D7 D6 D5 D4 D3 D2 D1 D0 D7
Figure 10. SPI single-byte read protocol diagram (3-wire mode)
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
18 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com