Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 51Page - NXP Semiconductors FXLS8967AF Datasheet HTML 52Page - NXP Semiconductors FXLS8967AF Datasheet HTML 53Page - NXP Semiconductors FXLS8967AF Datasheet HTML 54Page - NXP Semiconductors FXLS8967AF Datasheet HTML 55Page - NXP Semiconductors FXLS8967AF Datasheet HTML 56Page - NXP Semiconductors FXLS8967AF Datasheet HTML 57Page - NXP Semiconductors FXLS8967AF Datasheet HTML 58Page - NXP Semiconductors FXLS8967AF Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
SENS_CONFIG2[SLEEP_PM] sets the SLEEP power mode;
SENS_CONFIG3[SLEEP_ODR] sets the ODR. When operating in Flexible Performance
Mode,
SENS_CONFIG3[SLEEP_DEC] and SLEEP_IDLE[11:0] values set the effective
ODR.
The functions used to detect inactivity and enter SLEEP mode upon expiry of
the
ASLP_COUNT timer (see Table 69) are selected in SENS_CONFIG4 and
BUF_CONFIG2. The same functions used to enter SLEEP are also used to exit this
mode when activity is detected except for the SRC_BUF event flag, which can only be
used to prevent/delay a transition from WAKE to SLEEP if the host system is reading
data from the buffer (and clearing SRC_BUF). A transition from SLEEP to WAKE mode
occurs as soon as one of the enabled detection events becomes active. See Table 70 for
the corresponding Interrupt event sources.
Bit
7
6
5
4
3
2
1
0
Name
ASLP_COUNT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 65. ASLP_COUNT_LSB register (address 1Eh) bit allocation
Field
Description
7 to 0
ASLP_COUNT [7:0]
LSB of the 12-bit unsigned count value used for inactivity detection. The selected WAKE mode
ODR determines the counter period.
Table 66. ASLP_COUNT_LSB register (address 1Eh) bit description
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
ASLP_COUNT[11:8]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 67. ASLP_COUNT_MSB register (address 1Fh) bit allocation
Field
Description
3 to 0
ASLP_COUNT [11:8]
MSB (nibble) of the 12-bit unsigned count value used for inactivity detection. The selected WAKE
mode ODR determines the counter period.
Table 68. ASLP_COUNT_MSB register (address 1Fh) bit description
WAKE mode ODR (Hz)
WAKE mode
ODR Period (ms)
ASLP_COUNT Period (ms)
Max Inactivity Times
3200
0.3125
0.3125
1.28
1600
0.625
0.625
2.56
800
1.25
1.25
5.12
Table 69. ASLP_COUNT timer period
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
55 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com