Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 77 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 73Page - NXP Semiconductors FXLS8967AF Datasheet HTML 74Page - NXP Semiconductors FXLS8967AF Datasheet HTML 75Page - NXP Semiconductors FXLS8967AF Datasheet HTML 76Page - NXP Semiconductors FXLS8967AF Datasheet HTML 77Page - NXP Semiconductors FXLS8967AF Datasheet HTML 78Page - NXP Semiconductors FXLS8967AF Datasheet HTML 79Page - NXP Semiconductors FXLS8967AF Datasheet HTML 80Page - NXP Semiconductors FXLS8967AF Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
SDCD_UTHS[11:0] to ensure that the SDCD circuit functions correctly and produces
meaningful results.
The scaling for this register is always the same as the selected FSR sensitivity. See
Section 9 for the sensitivity values corresponding to each of the selectable FSRs.
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
SDCD_LTHS[11:8]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
0
0
1
1
1
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 110. SDCD_LTHS_MSB register (address 34h) bit allocation
Field
Description
3 to 0
SDCD_LTHS[11:8]
MSB (nibble) of the signed 12-bit 2's complement lower-threshold value
Table 111. SDCD_LTHS_MSB register (address 34h) bit description
15.31.9 SDCD_UTHS_LSB register (address 35h)
Sensor Data Change Detection function 12-bit 2's complement upper-threshold
least significant byte.
SDCD_UTHS[11:0] must always be set to a higher value than
SDCD_LTHS[11:0] to ensure that the SDCD circuit functions correctly and produces
meaningful results.
The scaling for this register is the same as the selected FSR sensitivity. See Section 9 for
the sensitivity values corresponding to each of the selectable FSRs.
Bit
7
6
5
4
3
2
1
0
Name
SDCD_UTHS[7:0]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
1
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 112. SDCD_UTHS_LSB register (address 35h) bit allocation
Field
Description
7 to 0
SDCD_UTHS[7:0]
LSB of the signed 12 bit 2's complement upper-threshold value
Table 113. SDCD_UTHS_LSB register (address 35h) bit description
15.31.10 SDCD_UTHS_MSB register (address 36h)
Sensor Data Change Detection function 12-bit 2's complement upper-threshold most-
significant byte (nibble).
SDCD_UTHS[11:0] must always be set to a higher value than
SDCD_LTHS[11:0] to ensure that the SDCD circuit functions correctly and produces
meaningful results.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
77 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com