Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 67Page - NXP Semiconductors FXLS8967AF Datasheet HTML 68Page - NXP Semiconductors FXLS8967AF Datasheet HTML 69Page - NXP Semiconductors FXLS8967AF Datasheet HTML 70Page - NXP Semiconductors FXLS8967AF Datasheet HTML 71Page - NXP Semiconductors FXLS8967AF Datasheet HTML 72Page - NXP Semiconductors FXLS8967AF Datasheet HTML 73Page - NXP Semiconductors FXLS8967AF Datasheet HTML 74Page - NXP Semiconductors FXLS8967AF Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
WT_EA
—
X_WT_EF
—
Y_WT_EF
—
Z_WT_EF
—
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 98. SDCD_INT_SRC2 register (address 2Eh) bit allocation
Field
Description
7
WT_EA
SDCD within-thresholds event active flag
0 (default): Event flag has not been asserted; none of the input data (absolute mode) or deltas
(relative mode) for the enabled axes is within the window defined by the
SDCD_UTHS and SDCD_
LTHS registers.
1: All, or at least one of, (depending on the LOGIC function selected in
SDCD_
CONFIG2[WT_LOG_SEL]) the enabled axes sensor data (absolute mode) or deltas (relative mode)
sits within both the upper and lower thresholds specified in the
SDCD_UTHS and SDCD_LTHS
registers (for example, >
SDCD_LTHS, and < SDCD_UTHS). This flag is set whenever the condition
is true for a number of ODR cycles ≥
SDCD_WT_DBCNT.
Notes:
• The axes selected for participation in the within thresholds condition evaluation are enabled via the
X/Y/Z_WT_EN bits in the
SDCD_CONFIG1 register. The logic mode for the function is set in the
SDCD_CONFIG2 register. If none of the X/Y/Z_WT_EN bits are set then the SDCD_WT function is
effectively disabled.
• When SENS_CONFIG4[WAKE_SDCD_WT] = 1, the Auto-WAKE/SLEEP timer is reset on every
ODR cycle when the WT_EA flag is asserted (set), which prevents the device from transitioning
into SLEEP mode. This flag must be de-asserted (cleared) in order for FXLS8967AF to transition to
SLEEP mode.
5
X_WT_EF
X-axis data or delta inside of upper and lower thresholds event flag; This flag is only valid if X_WT_
EN = 1:
0: X-axis data or delta is ≥
SDCD_UTHS value or ≤ SDCD_LTHS value.
1: X-axis data or delta is <
SDCD_UTHS and > SDCD_LTHS value.
Notes:
• The SDCD_CONFIG1[WT_ELE] bit determines the behavior of this bit. If WT_ELE = 1, the flag
is latched when WT_EA goes high, and remains set until it is cleared by reading the
SDCD_
INT_SRC2 register. If the host wishes to know the state of this event flag, it must be read prior to
reading the
SDCD_INT_SRC2 register.
• If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated if WT_EA = 1 and the SDCD_WT_DBCNT
value is reached. If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated even if WT_EA = 0 when the
SDCD_WT_DBCNT value is set to 0.
3
Y_WT_EF
Y-axis data or delta inside of upper and lower thresholds event flag; This flag is only valid if Y_WT_
EN = 1:
0: Y-axis data or delta is ≥
SDCD_UTHS value or ≤ SDCD_LTHS value.
1: Y-axis data or delta is <
SDCD_UTHS and > SDCD_LTHS value.
Notes:
• The SDCD_CONFIG1[WT_ELE] bit determines the behavior of this bit. If WT_ELE = 1, the flag
is latched when WT_EA goes high, and remains set until it is cleared by reading the
SDCD_
INT_SRC2 register. If the host wishes to know the state of this event flag, it must be read prior to
reading the
SDCD_INT_SRC2 register.
• If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated if WT_EA = 1 and the SDCD_WT_DBCNT
value is reached. If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated even if WT_EA = 0 when the
SDCD_WT_DBCNT value is set to 0.
Table 99. SDCD_INT_SRC2 register (address 2Eh) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
71 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com