Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 32Page - NXP Semiconductors FXLS8967AF Datasheet HTML 33Page - NXP Semiconductors FXLS8967AF Datasheet HTML 34Page - NXP Semiconductors FXLS8967AF Datasheet HTML 35Page - NXP Semiconductors FXLS8967AF Datasheet HTML 36Page - NXP Semiconductors FXLS8967AF Datasheet HTML 37Page - NXP Semiconductors FXLS8967AF Datasheet HTML 38Page - NXP Semiconductors FXLS8967AF Datasheet HTML 39Page - NXP Semiconductors FXLS8967AF Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
OUT_X[7:0]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 28. OUT_X_LSB and OUT_X_MSB register (addresses 04h to 05h) with SEN_CONFIG2[LE_BE] = 0 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
SX
SX
SX
SX
OUT_X[11:8]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
OUT_Y[7:0]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 29. OUT_Y_LSB and OUT_Y_MSB register (addresses 06h to 07h) with SEN_CONFIG2[LE_BE] = 0 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
SX
SX
SX
SX
OUT_Y[11:8]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
OUT_Z[7:0]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 30. OUT_Z_LSB and OUT_Z_MSB register (addresses 08h to 09h) with SEN_CONFIG2[LE_BE] = 0 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
SX
SX
SX
SX
OUT_Z[11:8]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
36 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com