Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 2 Page - NXP Semiconductors

  FXLS8967AF Datasheet HTML 1Page - NXP Semiconductors FXLS8967AF Datasheet HTML 2Page - NXP Semiconductors FXLS8967AF Datasheet HTML 3Page - NXP Semiconductors FXLS8967AF Datasheet HTML 4Page - NXP Semiconductors FXLS8967AF Datasheet HTML 5Page - NXP Semiconductors FXLS8967AF Datasheet HTML 6Page - NXP Semiconductors FXLS8967AF Datasheet HTML 7Page - NXP Semiconductors FXLS8967AF Datasheet HTML 8Page - NXP Semiconductors FXLS8967AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
3 Applications
3.1 Automotive security and convenience
• Infotainment
• Telematics (T-Box)
• Car alarm
• Inclinometer
• Door checker
• SmartLock
4 Ordering information
Package
Type number
Name
Description
Version
FXLS8967AF
VSON10
Plastic, very thin small outline package, no leads; 10 terminals; 0.4 mm
pitch; 2 mm x 2 mm x 0.95 mm body
SOT1615-3
Table 1. Ordering information
4.1 Ordering options
Part number
Temperature range
Package description Shipping
FXLS8967AFR3
–40 °C to +105 °C
DFN-10
Tape and reel
Table 2. Ordering options
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
2 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com