Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 47Page - NXP Semiconductors FXLS8967AF Datasheet HTML 48Page - NXP Semiconductors FXLS8967AF Datasheet HTML 49Page - NXP Semiconductors FXLS8967AF Datasheet HTML 50Page - NXP Semiconductors FXLS8967AF Datasheet HTML 51Page - NXP Semiconductors FXLS8967AF Datasheet HTML 52Page - NXP Semiconductors FXLS8967AF Datasheet HTML 53Page - NXP Semiconductors FXLS8967AF Datasheet HTML 54Page - NXP Semiconductors FXLS8967AF Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
2
INT2_FUNC
INT2 output / EXT_TRIG input pin selection
0 (default): INT2/EXT_TRIG pin is configured for the INT2 output function. The logic polarity and
output driver type are specified in the
INT_POL and INT_PP_OD registers. Interrupt signals are
selectively routed to this output pin using the
INT_PIN_SEL register.
1: INT2/EXT_TRIG pin is configured as the EXT_TRIG input function. A positive edge (low-to-high)
transition on the EXT_TRIG pin is used to trigger either a single measurement of the acceleration and
temperature data using the current decimation settings when EXT_TRIG_M = 1 or a single acquisition
of the current acceleration and temperature data when EXT_TRIG_M = 0. This function is useful for
realizing low frequency or asynchronous ODRs initiated by the host system, for example, by using an
MCU timer output pin. When this function is enabled, it is reflected in the
SYS_MODE register.
Notes:
• When the EXT_TRIG function is enabled, any bits set to '1' in the INT_PIN_SEL register (mapping
an event flag to the INT2 output pin) are ignored as the pin becomes a dedicated high-impedance
input pin for the external trigger function.
• The INT2_FUNC bit setting is ignored when BT_MODE = VDD as the external trigger function is not
available in this mode.
1
INT_PP_OD
INT1 and INT2 pins output driver selection
0 (default): INTx output pin driver is push-pull type.
1: INTx output pin driver is open-drain/open-source type. An external pull-up/pull-down resistor is
required.
Notes:
• If a user operation sets INT_PP_OD before issuing a soft reset command, the setting is maintained
through the reset sequence (only lost when VDD supply is removed or Hibernate mode is enabled).
• The INT_PP_OD bit setting is ignored when BT_MODE = VDD as the INT1/MOT_DET and INT2/
BOOT_OUT output driver type is fixed to open-drain.
0
INT_POL
Interrupt logic polarity on INT1 and INT2 pins
Selects the polarity of the interrupt output signal on the INT1 and INT2 pins.
0: Active low: interrupt events are signaled with a logical '0' level. If DRDY_PUL=1, a SRC_DRDY
event pulse is negative going. The inactive state of the INTx pins is logic '1' (VDD).
1 (default): Active high: interrupt events are signaled with a logical '1' level. If DRDY_PUL=1, a SRC_
DRDY event pulse is positive going. The inactive state of the INTx pins is logic '0' (GND).
Notes:
• If a user operation sets INT_POL before issuing a soft reset command, the setting is maintained
through the reset sequence (only lost if VDD supply is removed or Hibernate mode is enabled).
• The INT_POL bit setting is ignored when BT_MODE = VDD as the INT1/MOT_DET and INT2/
BOOT_OUT interrupt logic polarity is fixed at active low (external pull-up resistors are required).
Table 56. SENS_CONFIG4 register (address 18h) bit description...continued
[1]
In order to acquire all the measurements specified by the decimation setting, only one trigger event is needed.
INTx pin configuration
INT_PP_OD
INT_POL
INTx pin asserted value
INTx pin
deasserted value
CMOS output
0
0
0
1
CMOS output
0
1
1
0
External pull-up resistor added
(open-drain)
1
0
0
High-Z[1]
Table 57. INTx pin behavior as a function of INT_PP_OD and INT_POL bit settings (valid only when BT_MODE =
VDD)
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
51 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com