Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 48Page - NXP Semiconductors FXLS8967AF Datasheet HTML 49Page - NXP Semiconductors FXLS8967AF Datasheet HTML 50Page - NXP Semiconductors FXLS8967AF Datasheet HTML 51Page - NXP Semiconductors FXLS8967AF Datasheet HTML 52Page - NXP Semiconductors FXLS8967AF Datasheet HTML 53Page - NXP Semiconductors FXLS8967AF Datasheet HTML 54Page - NXP Semiconductors FXLS8967AF Datasheet HTML 55Page - NXP Semiconductors FXLS8967AF Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
INTx pin configuration
INT_PP_OD
INT_POL
INTx pin asserted value
INTx pin
deasserted value
External pull-down resistor added
(open source)
1
1
1
High-Z[1]
Table 57. INTx pin behavior as a function of INT_PP_OD and INT_POL bit settings (valid only when BT_MODE =
VDD)...continued
[1]
High-Z means high impedance condition, with the state of the INTx pin defined by the external pull-up or pull-down resistor.
INTx pin configuration
INT_PP_OD
INT_POL
INTx pin asserted value
INTx pin
deasserted value
External pull-up resistor added
(open-drain)
X
X
0
1
Table 58. INTx pin behavior as a function of INT_PP_OD and INT_POL bit settings (valid only when BT_MODE =
VDD)
15.15 SENS_CONFIG5 register (address 19h)
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
VECM_EN X_DIS
Y_DIS
Z_DIS
HIBERNATE_
EN
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 59. SENS_CONFIG5 register (address 19h) bit allocation
Field
Description
4
VECM_EN
Vector Magnitude calculation enable:
0 (default): 12-bit vector magnitude result is not calculated on every ODR cycle. The VECM_LSB and
VECM_MSB registers are not included in auto-increment address range.
1: 12-bit vector magnitude result is calculated on every ODR cycle. The VECM_LSB and VECM_MSB
registers are included in auto-increment address range.
Note: The vector magnitude result may also be used as an input to the SDCD function when SDCD_
CONFIG2[MODE] = 1.
3
X_DIS
X-axis auto-increment disable:
0 (default): X-axis measurement is included in the auto-increment address range for both buffered
and non-buffered modes (default).
1: X-axis measurement is excluded from the auto-increment address range.
2
Y_DIS
Y-axis auto-increment disable:
0 (default): Y-axis measurement is included in the auto-increment address range for both buffered
and non-buffered modes (default).
1: Y-axis measurement is excluded from the auto-increment address range.
Table 60. SENS_CONFIG5 register (address 19h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
52 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com