Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 88 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 84Page - NXP Semiconductors FXLS8967AF Datasheet HTML 85Page - NXP Semiconductors FXLS8967AF Datasheet HTML 86Page - NXP Semiconductors FXLS8967AF Datasheet HTML 87Page - NXP Semiconductors FXLS8967AF Datasheet HTML 88Page - NXP Semiconductors FXLS8967AF Datasheet HTML 89Page - NXP Semiconductors FXLS8967AF Datasheet HTML 90Page - NXP Semiconductors FXLS8967AF Datasheet HTML 91Page - NXP Semiconductors FXLS8967AF Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
19 Mounting information
19.1 PCB mounting recommendations
• No additional via, copper layer, solder mask, metal pattern underneath package on the
mounted layer of the PCB.
• Do not place any components or vias within 2 mm of the package land area as it may
cause additional package stress if placed too close to the package land area.
• Signal traces connected to pads should be as symmetric as possible. To have the
same length of exposed trace for all pads, put dummy traces on NC pads .
• Use a standard pick-and-place process and equipment. Do not use a hand soldering
process.
• Customers are advised to be cautious about the proximity of screw-down holes to the
sensor, and the location of any press fit to the assembled PCB when in an enclosure.
It is important that the assembled PCB remain flat after assembly to keep electronic
operation of the device optimal.
• The PCB should be rated for the multiple lead-free reflow condition with a maximum
260 °C temperature.
• NXP sensors are compliant with Restrictions on Hazardous Substances (RoHS),
having halide-free molding compound (green) and lead-free terminations. These
terminations are compatible with tin-lead (Sn-Pb) as well as tin-silver-copper (Sn-Ag-
Cu) solder paste soldering processes. Reflow profiles applicable to those processes
can be used successfully for soldering the devices.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
88 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com