Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 64Page - NXP Semiconductors FXLS8967AF Datasheet HTML 65Page - NXP Semiconductors FXLS8967AF Datasheet HTML 66Page - NXP Semiconductors FXLS8967AF Datasheet HTML 67Page - NXP Semiconductors FXLS8967AF Datasheet HTML 68Page - NXP Semiconductors FXLS8967AF Datasheet HTML 69Page - NXP Semiconductors FXLS8967AF Datasheet HTML 70Page - NXP Semiconductors FXLS8967AF Datasheet HTML 71Page - NXP Semiconductors FXLS8967AF Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
ORIENT_HYS[2:0]
Landscape-to-
Portrait trip angle
Portrait-to-
Landscape trip angle
0
45°
45°
1
49°
41°
2
52°
38°
3
56°
34°
4
59°
31°
5
62°
28°
6
66°
24°
7
69°
21°
Table 94. Resultant trip angle (threshold angle ± hysteresis angle)
Note: In Table 94, the default threshold angle of 45° is considered for calculating the
resultant trip angle.
Orientation
X/Y axis g-levels
PU
y ~ –1 g, x ~ 0
PD
y ~ +1 g, x ~ 0
LR
y ~ 0, x ~ +1 g
LL
y ~ 0, x ~ –1 g
Table 95. Orientation change ideal orientation angle definitions
15.31 Sensor Data Change Detection (SDCD) registers
The Sensor Data Change Detection (SDCD) function is an inertial event detection
function available to assist host software algorithms in detecting various inertial events
such as motion/no-motion, high-g/low-g, tap/double tap, and transient acceleration
events.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
68 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com