Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 71Page - NXP Semiconductors FXLS8967AF Datasheet HTML 72Page - NXP Semiconductors FXLS8967AF Datasheet HTML 73Page - NXP Semiconductors FXLS8967AF Datasheet HTML 74Page - NXP Semiconductors FXLS8967AF Datasheet HTML 75Page - NXP Semiconductors FXLS8967AF Datasheet HTML 76Page - NXP Semiconductors FXLS8967AF Datasheet HTML 77Page - NXP Semiconductors FXLS8967AF Datasheet HTML 78Page - NXP Semiconductors FXLS8967AF Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
aaa-040849
N+1
N-1
Previous reference
SDCD compare using previous reference and decimator data N
Reference is updated after comparison with decimator data N
SDCD compare using updated reference and decimator data N = 1
ADC sample
Decimator output
Decimator ODR
l2C write ref_upd
ref_upd
Updated reference with decimator data N
N
2
1
1
2
Figure 18. SDCD REF_UPD timing diagram
15.31.5 SDCD_OT_DBCNT register (address 31h)
Debounce count threshold register for SDCD outside-of-thresholds condition event
detection.
The timer count period is equal to the selected ODR period in LPM and HPM modes, and
to the effective ODR period (measurement + idle time) in FPM.
This register sets the minimum number of debounce counts needed to recognize the
SDCD outside-of-threshold function event condition as true.
A transition from Standby to Active, Active to Standby, or Auto-WAKE/SLEEP mode
change resets the internal counter.
Bit
7
6
5
4
3
2
1
0
Name
SDCD_OT_DBCNT[7:0]
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 104. SDCD_OT_DBCNT register (address 31h) bit allocation
Field
Description
7 to 0
SDCD_OT_
DBCNT[7:0]
This value defines the minimum number of debounce counts required for the detection of an outside-
of-thresholds condition. The OT_DBCNTM bit determines the behavior of the counter when the
condition of interest is false. The time step for the counter is the same as the selected ODR period (or
effective ODR period in FPM).
Table 105. SDCD_OT_DBCNT register (address 31h) bit description
15.31.6 SDCD_WT_DBCNT register (address 32h)
Debounce count threshold register for SDCD within-thresholds condition event detection.
The timer count period is equal to the selected ODR period in LPM and HPM modes, and
to the effective ODR period (measurement + idle time) in FPM.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
75 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com