Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 95 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 90Page - NXP Semiconductors FXLS8967AF Datasheet HTML 91Page - NXP Semiconductors FXLS8967AF Datasheet HTML 92Page - NXP Semiconductors FXLS8967AF Datasheet HTML 93Page - NXP Semiconductors FXLS8967AF Datasheet HTML 94Page - NXP Semiconductors FXLS8967AF Datasheet HTML 95Page - NXP Semiconductors FXLS8967AF Datasheet HTML 96Page - NXP Semiconductors FXLS8967AF Datasheet HTML 97Page - NXP Semiconductors FXLS8967AF Datasheet HTML 98Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Tab. 56. SENS_CONFIG4 register (address 18h) bit
description ....................................................... 50
Tab. 57. INTx pin behavior as a function of INT_PP_
OD and INT_POL bit settings (valid only
when BT_MODE = VDD) ................................ 51
Tab. 58. INTx pin behavior as a function of INT_PP_
OD and INT_POL bit settings (valid only
when BT_MODE = VDD) ................................ 52
Tab. 59. SENS_CONFIG5 register (address 19h) bit
allocation ......................................................... 52
Tab. 60. SENS_CONFIG5 register (address 19h) bit
description ....................................................... 52
Tab. 61. WAKE_IDLE_LSB register (address 1Ah)
bit allocation .................................................... 53
Tab. 62. WAKE_IDLE_MSB register (address 1Bh)
bit allocation .................................................... 54
Tab. 63. SLEEP_IDLE_LSB register (address 1Ch)
bit allocation .................................................... 54
Tab. 64. SLEEP_IDLE_MSB register (address 1Dh)
bit allocation .................................................... 54
Tab. 65. ASLP_COUNT_LSB register (address 1Eh)
bit allocation .................................................... 55
Tab. 66. ASLP_COUNT_LSB register (address 1Eh)
bit description .................................................. 55
Tab. 67. ASLP_COUNT_MSB register (address
1Fh) bit allocation ............................................55
Tab. 68. ASLP_COUNT_MSB register (address
1Fh) bit description ......................................... 55
Tab. 69. ASLP_COUNT timer period ............................ 55
Tab. 70. Auto-WAKE/SLEEP Interrupt Event
Sources ........................................................... 56
Tab. 71. INT_EN register (address 20h) bit
allocation ......................................................... 57
Tab. 72. INT_EN register (address 20h) bit
description ....................................................... 57
Tab. 73. INT_PIN_SEL register (address 21h) bit
allocation ......................................................... 58
Tab. 74. INT_PIN_SEL register (address 21h) bit
description ....................................................... 59
Tab. 75. OFF_X register (addresses 22h) bit
allocation ......................................................... 60
Tab. 76. OFF_Y register (addresses 23h) bit
allocation ......................................................... 60
Tab. 77. OFF_Z register (addresses 24h) bit
allocation ......................................................... 60
Tab. 78. BUF_CONFIG1 register (address 26h) bit
allocation ......................................................... 60
Tab. 79. BUF_CONFIG1 register (address 26h) bit
description ....................................................... 60
Tab. 80. BUF_CONFIG2 register (address 27h) bit
allocation ......................................................... 62
Tab. 81. BUF_CONFIG2 register (address 27h) bit
description ....................................................... 62
Tab. 82. ORIENT_STATUS register (address 28h)
bit allocation .................................................... 63
Tab. 83. ORIENT_STATUS register (address 28h)
bit description .................................................. 63
Tab. 84. ORIENT_CONFIG register (address 29h)
bit allocation .................................................... 64
Tab. 85. ORIENT_CONFIG register (address 29h)
bit description .................................................. 64
Tab. 86. ORIENT_DBCOUNT register (address
2Ah) bit allocation ........................................... 65
Tab. 87. ORIENT_DBCOUNT register (address
2Ah) bit description ......................................... 65
Tab. 88. ORIENT_BF_ZCOMP register (address
2Bh) bit allocation ........................................... 65
Tab. 89. ORIENT_BF_ZCOMP register (address
2Bh) bit description ......................................... 66
Tab. 90. ORIENT_ZLOCK lockout angles .....................66
Tab. 91. ORIENT Back/Front orientation transition
angle definitions .............................................. 66
Tab. 92. ORIENT_THS register (address 2Ch) bit
allocation ......................................................... 66
Tab. 93. Orientation change trip angles look-up
table .................................................................67
Tab. 94. Resultant trip angle (threshold angle ±
hysteresis angle) ............................................. 68
Tab. 95. Orientation change ideal orientation angle
definitions ........................................................ 68
Tab. 96. SDCD_INT_SRC1 register (address 2Dh)
bit allocation .................................................... 69
Tab. 97. SDCD_INT_SRC1 register (address 2Dh)
bit description .................................................. 70
Tab. 98. SDCD_INT_SRC2 register (address 2Eh)
bit allocation .................................................... 71
Tab. 99. SDCD_INT_SRC2 register (address 2Eh)
bit description .................................................. 71
Tab. 100. SDCD_CONFIG1 register (address 2Fh) bit
allocation ......................................................... 72
Tab. 101. SDCD_CONFIG1 register (address 2Fh) bit
description ....................................................... 72
Tab. 102. SDCD_CONFIG2 register (address 30h) bit
allocation ......................................................... 73
Tab. 103. SDCD_CONFIG2 register (address 30h) bit
description ....................................................... 73
Tab. 104. SDCD_OT_DBCNT register (address 31h)
bit allocation .................................................... 75
Tab. 105. SDCD_OT_DBCNT register (address 31h)
bit description .................................................. 75
Tab. 106. SDCD_WT_DBCNT register (address 32h)
bit allocation .................................................... 76
Tab. 107. SDCD_WT_DBCNT register (address 32h)
bit description .................................................. 76
Tab. 108. SDCD_LTHS_LSB register (address 33h)
bit allocation .................................................... 76
Tab. 109. SDCD_LTHS_LSB register (address 33h)
bit description .................................................. 76
Tab. 110. SDCD_LTHS_MSB register (address 34h)
bit allocation .................................................... 77
Tab. 111. SDCD_LTHS_MSB register (address 34h)
bit description .................................................. 77
Tab. 112. SDCD_UTHS_LSB register (address 35h)
bit allocation .................................................... 77
Tab. 113. SDCD_UTHS_LSB register (address 35h)
bit description .................................................. 77
Tab. 114. SDCD_UTHS_MSB register (address 36h)
bit allocation .................................................... 78
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
95 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com