Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 27Page - NXP Semiconductors FXLS8967AF Datasheet HTML 28Page - NXP Semiconductors FXLS8967AF Datasheet HTML 29Page - NXP Semiconductors FXLS8967AF Datasheet HTML 30Page - NXP Semiconductors FXLS8967AF Datasheet HTML 31Page - NXP Semiconductors FXLS8967AF Datasheet HTML 32Page - NXP Semiconductors FXLS8967AF Datasheet HTML 33Page - NXP Semiconductors FXLS8967AF Datasheet HTML 34Page - NXP Semiconductors FXLS8967AF Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Auto-increment Address
Name
Type
Register
Address
F_READ = 0
F_READ = 1
Default
Values
BT_MODE =
GND/[VDD]
Comment
reserved register 12
R/W
39h
3Ah
00h
Factory reserved register; do not modify
reserved register 13[1]
R
3Ah
00h
—
Factory reserved register
Table 20. Register address map...continued
[1]
Register contents are preserved when a transition from ACTIVE to STANDBY mode occurs. All register contents are lost when a transition from Hibernate
mode or a POR/BOR event occurs.
[2]
Register contents are reset when a transition from STANDBY to ACTIVE or EXT_TRIG mode occurs.
[3]
The byte order and L/R justification of these registers is user programmable between little-endian right justified and big-endian (left justified) modes. The
default mode is little-endian, right justified. The byte order and justification is controlled by
SENS_CONFIG3[LE_BE].
[4]
The output data buffer contents become obsolete whenever a transition from STANDBY-to-ACTIVE or STANDBY-to-EXT_TRIG modes occurs.
[5]
Register contents can only be modified while the device is in STANDBY mode; the only exceptions are the
SENS_CONFIG1[ACTIVE], SENS_
CONFIG1[RST] and BUF_CONFIG1[BUF_FLUSH] bits that may be set at any time in STANDBY, ACTIVE, or EXT_TRIG modes. The ACTIVE bit state
cannot be modified while in EXT_TRIG operating mode.
15.1 INT_STATUS register (address 00h)
Bit
7
6
5
4
3
2
1
0
Name
SRC_DRDY SRC_OVF
SRC_BUF
SRC_
SDCD_OT
SRC_
SDCD_WT
SRC_
ORIENT
SRC_ASLP SRC_BOOT
Reset
0
0
0
0
0
0
0
1
Access
R
R
R
R
R
R
R
R
Table 21. INT_STATUS register (address 00h) bit allocation
Field
Description
7
SRC_DRDY
Output data-ready event flag
0: A new set of XYZ acceleration and temperature data is not available.
1: A new set of XYZ acceleration and temperature data is available
Notes:
• The SRC_DRDY flag is cleared whenever one or more of the VECM, and OUT_X/Y/Z registers are
read.
• Whenever BUF_CONFIG1[BUF_MODE1:0]] > 00b (buffer enabled), SRC_DRDY is held at logic '0'.
• When BT_MODE=GND, SRC_DRDY bit and the signaled interrupt are cleared whenever one or
more of the VECM, and OUT_X/Y/Z registers are read.
• When BT_MODE=VDD, SRC_DRDY bit is cleared whenever one or more of the VECM, and
OUT_X/Y/Z registers are read. However the data ready interrupt is signaled for TPULSE-MOT
seconds (5 ms typ) and it clears itself automatically. The current data ready interrupt pulse is
terminated when the device transitions into STANDBY mode before its completion and therefore
may not span for entire TPULSE-MOT seconds.
6
SRC_OVF
Output data overflow event flag
0: No overflow condition detected.
1: A new set of XYZ acceleration and temperature output data latches into
OUT_X/Y/Z and TEMP_
OUT registers before the previous set is completely read by the host.
Notes:
• SRC_OVF is not set if at least one of the OUT_X/Y/Z registers was read before the new data set
arrives.
• Whenever the INT_STATUS register is read, SRC_OVF is cleared.
• Whenever BUF_CONFIG1[BUF_MODE[1:0]] > 00b (buffer enabled), SRC_OVF is held at logic '0'.
Table 22. INT_STATUS register (address 00h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
31 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com