Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AF Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FXLS8967AF Datasheet HTML 9Page - NXP Semiconductors FXLS8967AF Datasheet HTML 10Page - NXP Semiconductors FXLS8967AF Datasheet HTML 11Page - NXP Semiconductors FXLS8967AF Datasheet HTML 12Page - NXP Semiconductors FXLS8967AF Datasheet HTML 13Page - NXP Semiconductors FXLS8967AF Datasheet HTML 14Page - NXP Semiconductors FXLS8967AF Datasheet HTML 15Page - NXP Semiconductors FXLS8967AF Datasheet HTML 16Page - NXP Semiconductors FXLS8967AF Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
I2C Standard-
mode[1]
I2C Fast-mode[1]
I2C Fast-mode Plus[2]
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCL clock frequency
fSCL
0
100
0
400
0
1000
kHz
Bus free time between
STOP and START
conditions
tBUF
4.7
—
1.3
—
0.5
—
µs
Repeated START hold
time
tHD;STA
4
—
0.6
—
0.26
—
µs
Repeated START setup
time
tSU;STA
4.7
—
0.6
—
0.26
—
µs
STOP condition setup
time
tSU;STO
4
—
0.6
—
0.26
—
µs
SDA valid time[3]
tVD;DAT
—
3.45[4]
—
0.9[4]
—
0.45[4]
µs
SDA valid acknowledge
time[5]
tVD;ACK
—
3.45[4]
—
0.9[4]
—
0.45[4]
µs
SDA setup time
tSU;DAT
250
—
100[6]
—
50
—
ns
SCL clock low time
tLOW
4.7
—
1.3
—
0.50
—
µs
SCL clock high time
tHIGH
4.0
—
0.6
—
0.26
—
µs
SDA and SCL risetime
tr
—
1000
20
300
—
120
ns
SDA and SCL fall
time[7][8]
tf
—
300
—
300
—
120
ns
Pulse width of spikes
on SDA and SCL
(suppressed by the input
filter)
tSP
0
50
0
50
0
50
ns
Table 12. I2C secondary timing values for Standard-mode (Sm), Fast-mode (Fm), and Fast-mode Plus (Fm
+)
[1]
All values referred to VIH(min) and VIL(max) levels.
[2]
Should be backward compatible with Fast mode.
[3]
tVD;DAT referred to the time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
[4]
The maximum tHD;DAT could be 3.45 μs and 0.9 μs for Standard-mode and Fast-mode respectively, but must be less than the maximum of tVD;DAT or
tVD;ACK by a transition time.
[5]
tVD;ACK = time for ACK signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
[6]
A Fast-mode I2C device can be used in a Standard mode I2C system, but the requirement tSU;DAT 250 ns must then be met. Also the acknowledge timing
must meet this set-up time.
[7]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at 250 ns. The
maximum fall time allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
[8]
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow for this
specified fall time when considering bus timing.
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
13 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com