Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 12Page - NXP Semiconductors FXLS8974CF Datasheet HTML 13Page - NXP Semiconductors FXLS8974CF Datasheet HTML 14Page - NXP Semiconductors FXLS8974CF Datasheet HTML 15Page - NXP Semiconductors FXLS8974CF Datasheet HTML 16Page - NXP Semiconductors FXLS8974CF Datasheet HTML 17Page - NXP Semiconductors FXLS8974CF Datasheet HTML 18Page - NXP Semiconductors FXLS8974CF Datasheet HTML 19Page - NXP Semiconductors FXLS8974CF Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
primary toggles the clock (SCLK). The SCLK polarity is defined as having an idle value
that is low, and an active phase that is high (CPOL = 0). Serial input and output data is
captured on the rising edge of the clock and propagated on the falling edge (CPHA =
0). Single-byte read and single-byte write operations are completed in 24 SCLK cycles;
multiple-byte reads and writes are completed in additional multiples of 8 SCLK cycles
per read or written byte. The first SCLK cycle latches the R/W (Read/Write) bit to select
whether the desired operation is a read (R/W = 1) or a write (R/W = 0). The following
seven SCLK cycles are used to latch the register read or write address.
Note: 4-wire SPI interface mode is the default out of POR or after a soft reset. In order
to select 3-wire SPI interface mode, set the
SENS_CONFIG1[SPI_M] = 1.
13.2 SPI write operations with 3- or 4-wire mode
A write operation is initiated by transmitting a 0 for the R/W bit. Then, the 7-bit register
write address, A[6:0], is transmitted in MSB first order. Following this first byte, a second
byte of 0s or 1s (don't care condition) transfers, followed by the actual data to write in the
third group of 8 SCLK cycles (clock pulses 17 through 24) in MSB first order. Figure 6
shows the bus protocol for a single-byte register write operation in either 3- or 4-wire SPI
mode.
aaa-040838
A6 A5 A4 A3 A2
R/W
A1 A0
X
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
X
X
X
X
X
X
X
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D7 D6 D5 D4 D3 D2 D1 D0 X
Figure 6.  SPI single-byte write protocol diagram (3- or 4-wire mode), R/W = 0
Multiple-byte write operations are performed similarly to the single-byte write sequence,
but with additional data bytes transferred over additional 8 SCLK cycle periods.
FXLS8974CF auto-increments the register write address so that every eighth clock edge
latches the address for the next register write address. When the desired number of
bytes has been written, a rising edge on the SPI_CS_B pin terminates the transaction.
Figure 7 shows the bus protocol for multiple-byte register write operations in either 3- or
4-wire SPI mode.
aaa-040839
High-Impedance
SPI_MISO
SPI_MOSI
SCLK
SPI_CS_B
A6
1
2
3
4
5
6
7
8
9
10 11
12 13
14
15 16
17
18
19 20
21 22
23 24 25 26
27 28 29 30
31
32
A5 A4 A3 A2
R/W
A1 A0
X
X
X
X
X
X
X
X
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
X
Figure 7. SPI multiple-byte write protocol diagram (3- or 4-wire mode), R/W = 0
13.3 SPI read operations with 4-wire mode
A register read operation is initiated by transmitting a 1 for the R/W bit. Then, the 7-
bit register read address, A[6:0] is encoded in the first byte. Following this first byte, a
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
16 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com