Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 83Page - NXP Semiconductors FXLS8974CF Datasheet HTML 84Page - NXP Semiconductors FXLS8974CF Datasheet HTML 85Page - NXP Semiconductors FXLS8974CF Datasheet HTML 86Page - NXP Semiconductors FXLS8974CF Datasheet HTML 87Page - NXP Semiconductors FXLS8974CF Datasheet HTML 88Page - NXP Semiconductors FXLS8974CF Datasheet HTML 89Page - NXP Semiconductors FXLS8974CF Datasheet HTML 90Page - NXP Semiconductors FXLS8974CF Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
• Do not place any components or vias within 2 mm of the package land area as it may
cause additional package stress if placed too close to the package land area.
• Signal traces connected to pads should be as symmetric as possible. To have the
same length of exposed trace for all pads, put dummy traces on NC pads .
• Use a standard pick-and-place process and equipment. Do not use a hand soldering
process.
• Customers are advised to be cautious about the proximity of screw-down holes to the
sensor, and the location of any press fit to the assembled PCB when in an enclosure.
It is important that the assembled PCB remain flat after assembly to keep electronic
operation of the device optimal.
• The PCB should be rated for the multiple lead-free reflow condition with a maximum
260 °C temperature.
• NXP sensors are compliant with Restrictions on Hazardous Substances (RoHS),
having halide-free molding compound (green) and lead-free terminations. These
terminations are compatible with tin-lead (Sn-Pb) as well as tin-silver-copper (Sn-Ag-
Cu) solder paste soldering processes. Reflow profiles applicable to those processes
can be used successfully for soldering the devices.
2
2
1
10X 0.25
0.15
10X 0.45
0.35
10X 0.400 Min1
2X 0.050 Typ2
2X 0.050 Typ2
2X 0.050 Typ2
2X 0.0375 Typ2
2X 0.0375 Typ2
10X 0.425 Min
0.450 Typ
10X 0.825 Min1
0.850 Typ
10X 1.0
Package outline
8X 0.4
8X 0.4
10X 0.200 Min
0.225 Typ
5
10
6
Package
Solder mask
PCB land pad
Package outline
PCB land pad
[1] PCB pad lengths exterior to the package edge should be at
least 0.4 mm long. If board space allows, a longer pad extension,
such as 0.6 mm will generally result in more consistent fillet
formation. This is because the inspectable solder fillet formation
will be influenced less by PCB assembly issues, such as misalignment.
[2] The solder mask clearance should be designed to be greater
than or equal to PCB vendor's solder mask registration.
Solder mask
opening
aaa-028908
Figure 29. PCB footprint guidelines
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
87 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com