Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 88 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 84Page - NXP Semiconductors FXLS8974CF Datasheet HTML 85Page - NXP Semiconductors FXLS8974CF Datasheet HTML 86Page - NXP Semiconductors FXLS8974CF Datasheet HTML 87Page - NXP Semiconductors FXLS8974CF Datasheet HTML 88Page - NXP Semiconductors FXLS8974CF Datasheet HTML 89Page - NXP Semiconductors FXLS8974CF Datasheet HTML 90Page - NXP Semiconductors FXLS8974CF Datasheet HTML 91Page - NXP Semiconductors FXLS8974CF Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
20 Glossary
Term
Description
Cross-axis sensitivity
Cross-axis sensitivity is the ratio of the measured acceleration for an axis to the input
acceleration along each axis orthogonal to the measured axis. Cross-axis sensitivity leads to
undesirable nonorthogonality of X, Y, and Z axes in the frame of reference of the assembled
device when mapping to other frames of reference. Cross-axis sensitivity is expressed as a
percentage of the orthogonal input acceleration with six separate cross-axis sensitivity terms
known as Sxy, Sxz, Syx, Syz, Szx, and Szy. The cross-axis sensitivity specification represents
the maximum of these six terms.
Noise density and RMS-
integrated noise
Noise density is defined as the noise per unit of square root bandwidth and is typically
expressed in units of mg/√Hz or μg/√Hz for a consumer grade accelerometer. Noise is
measured with the device held stationary in a 1g field and isolated from environmental noise
and mechanical vibration. The RMS noise at a given ODR can be estimated as follows:
Nrms = ND * √BW
For example, in the ±2 g FSR, operating in HPM with an ODR of 400 Hz, the estimated RMS
noise would be:
Nrms = 280 µg/√Hz * √(400/2) Hz = 3.96 mg (~ 4 LSB).
Output data rate,
decimation factor, and
power consumption
The Output Data Rate (ODR) defines the rate at which acceleration data is output from
FXLS8974CF. Depending on the operating mode and ODR that is selected, different
decimation factors (oversampling ratios) are applied. The decimated output data is supplied
at the ODR rate, even though multiple samples of the sensor data may have been used to
calculate this average result. In FXLS8974CF lowest power mode, the decimation factor
is always 1, leading to the best power performance at the expense of the poorest noise
(resolution) performance. In high performance mode, the decimation factor is automatically
increased to the maximum possible value for a given ODR, resulting in the best noise
(resolution) performance at the expense of the poorest power consumption. In motion
detection mode with BT_MODE=VDD, use of HPM or FPM mode is not advised. Only the
default LPM mode should be used.
Primary
Device that initiates and drives the communication with secondary devices.
Secondary
Device or devices that responds to communication initiated by primary device.
Self-Test
The integrated self-test function can be used to verify correct transducer and signal chain
operation without the need to apply an external acceleration stimulus. When the self-test
function is activated for each axis, an electrostatic actuation force is applied to the proof mass,
simulating a small change in acceleration. The self-test function of the device is independently
exercisable for each axis, along with a selectable displacement direction (polarity). The device
need not be static while exercising the self-test function as it is insensitive to any external
physical acceleration. During a self-test sequence, 2 parameters are computed for each axis,
namely STOC and STOF. STOC is the half difference between Self-Test output for positive
direction (ST_POL=0) and Self-Test output for negative direction (ST_POL=1), whereas STOF
is the half sum between the same. Refer to AN13193[2] for more details on self-test.
Sensitivity
The accelerometer sensitivity, also known as scale-factor, represents the change in
acceleration input corresponding to 1 LSB change in output and is typically measured in either
mg/LSB or LSB/g.
Table 121. Glossary
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
88 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com