Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 17Page - NXP Semiconductors FXLS8974CF Datasheet HTML 18Page - NXP Semiconductors FXLS8974CF Datasheet HTML 19Page - NXP Semiconductors FXLS8974CF Datasheet HTML 20Page - NXP Semiconductors FXLS8974CF Datasheet HTML 21Page - NXP Semiconductors FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors FXLS8974CF Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Mode[1]
I2C/SPI
bus state
VDD
Description
Hibernate[2] Unavailable
≥ 1.71 V
The wake-up detection circuit is active, but all other analog and digital blocks are
disabled to minimize the current drawn on the VDD pin. I2C and SPI interfaces are
not available, and all previously written register settings are lost.
BT_MODE = GND:
The host must toggle the SPI_CS_B / WAKE-UP pin (low-to-high or high-to-
low) in order to initiate a transition back into Standby mode before attempting
communications with the device. The host must wait TBOOT1 ms for the boot
process to complete.
BT_MODE = VDD:
The INT1/MOT_DET pin is set high (level sensitive) through an external pull-
up resistor; the device then exits Hibernate mode and starts the BOOT process.
The host must wait TBOOT2 ms for the boot process to complete and the motion
detection process to begin. Communication with the device over the I2C or SPI
interfaces is possible after the BOOT process completes.
Standby
Available
≥ 1.71 V
Sensor and analog blocks are disabled;
I2C and SPI interfaces are available.
Active[3][4]
(WAKE/
SLEEP)
Available
≥ 1.71 V
Sensor and analog blocks are enabled when needed (power cycled). I2C and SPI
interfaces are available.
BT_MODE = GND:
FXLS8974CF can automatically transition between the Active SLEEP and WAKE
sub-modes when activity/inactivity is detected. Setting
ASLP_COUNT ≥ 1 enables
the Auto-WAKE/SLEEP mode.
BT_MODE = VDD:
The Auto-WAKE/SLEEP function is not typically used in this mode (defaults to
disabled), but the host may enable Auto-WAKE/SLEEP by configuring it through
the register interface.
Active[5]
(EXT_TRIG)
Available
≥ 1.71 V
All blocks are enabled when needed (power cycled). I2C and SPI interfaces are
able to respond to read and write commands.
BT_MODE = GND:
SENS_CONFIG4[INT2_FUNC] = 1
FXLS8974CF automatically transitions between EXT_TRIG and Active mode upon
receiving a trigger signal (low-to-high transition) on the EXT_TRIG/INT2 pin. Once
the measurement cycle has completed, FXLS8974CF automatically transitions
back to the EXT_TRIG state and waits for the next trigger event.
BT_MODE = VDD:
External trigger mode is not available;
SENS_CONFIG4 [INT2_FUNC] shall not
be written to with any value other than 0.
Table 15. FXLS8974CF operating modes descriptions...continued
[1]
All register contents are preserved when transitioning from Active to Standby mode. Some registers are reset when transitioning from Standby to Active.
The behavior of all registers is noted in Table 20.
[2]
Exiting Hibernate mode causes all register settings to initialize to their default values. Entering Hibernate mode is equivalent to removing the VDD supply;
the device state, sensor data, and host programmed register contents are lost when this mode is entered.
[3]
The SLEEP and WAKE modes are Active measurement modes. For more information on how to use the SLEEP and WAKE modes and how to transition
between these modes, see Table 16.
[4]
The SLEEP and WAKE modes each feature independent power mode and ODR settings for the HPM and LPM modes. FPM may also be independently
enabled for either WAKE or SLEEP modes, allowing for user programmable idle times and measurement decimation factors. These features allow for the
creation of custom ODRs and also realizing the optimal trade-off between resolution (noise) and power dissipation in a given application or use case.
[5]
The EXT_TRIG mode may be used to synchronize the collection of acceleration and temperature data with an external system, or to create custom ODRs
using an MCU output compare/PWM/GPIO pin.
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
21 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com