Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 8Page - NXP Semiconductors FXLS8974CF Datasheet HTML 9Page - NXP Semiconductors FXLS8974CF Datasheet HTML 10Page - NXP Semiconductors FXLS8974CF Datasheet HTML 11Page - NXP Semiconductors FXLS8974CF Datasheet HTML 12Page - NXP Semiconductors FXLS8974CF Datasheet HTML 13Page - NXP Semiconductors FXLS8974CF Datasheet HTML 14Page - NXP Semiconductors FXLS8974CF Datasheet HTML 15Page - NXP Semiconductors FXLS8974CF Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Pin Name
Pin Description
SCL
I2C serial clock (pull-up resistor is required)
SDA
I2C serial data (pull-up resistor is required)
Table 10. I2C serial interface pin description
12.1 I2C interface characteristics
The I2C secondary address (7-bit format) is set to 18h when SA0 = 0, and 19h when
SA0 = 1.
SA0
I2C write address
I2C read address
0
30h (0011 0000b)
31h (0011 0001b)
1
32h (0011 0010b)
33h (0011 0011b)
Table 11. FXLS8974CF I2C read and write addresses
I2C Standard-
mode[1]
I2C Fast-mode[1]
I2C Fast-mode Plus[2]
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
SCL clock frequency
fSCL
0
100
0
400
0
1000
kHz
Bus free time between
STOP and START
conditions
tBUF
4.7
—
1.3
—
0.5
—
µs
Repeated START hold
time
tHD;STA
4
—
0.6
—
0.26
—
µs
Repeated START setup
time
tSU;STA
4.7
—
0.6
—
0.26
—
µs
STOP condition setup
time
tSU;STO
4
—
0.6
—
0.26
—
µs
SDA valid time[3]
tVD;DAT
—
3.45[4]
—
0.9[4]
—
0.45[4]
µs
SDA valid acknowledge
time[5]
tVD;ACK
—
3.45[4]
—
0.9[4]
—
0.45[4]
µs
SDA setup time
tSU;DAT
250
—
100[6]
—
50
—
ns
SCL clock low time
tLOW
4.7
—
1.3
—
0.50
—
µs
SCL clock high time
tHIGH
4.0
—
0.6
—
0.26
—
µs
SDA and SCL risetime
tr
—
1000
20
300
—
120
ns
SDA and SCL fall
time[7][8]
tf
—
300
—
300
—
120
ns
Pulse width of spikes
on SDA and SCL
(suppressed by the input
filter)
tSP
0
50
0
50
0
50
ns
Table 12. I2C secondary timing values for Standard-mode (Sm), Fast-mode (Fm), and Fast-mode Plus (Fm
+)
[1]
All values referred to VIH(min) and VIL(max) levels.
[2]
Should be backward compatible with Fast mode.
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
12 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com