Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 64 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 60Page - NXP Semiconductors FXLS8974CF Datasheet HTML 61Page - NXP Semiconductors FXLS8974CF Datasheet HTML 62Page - NXP Semiconductors FXLS8974CF Datasheet HTML 63Page - NXP Semiconductors FXLS8974CF Datasheet HTML 64Page - NXP Semiconductors FXLS8974CF Datasheet HTML 65Page - NXP Semiconductors FXLS8974CF Datasheet HTML 66Page - NXP Semiconductors FXLS8974CF Datasheet HTML 67Page - NXP Semiconductors FXLS8974CF Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
6
ORIENT_ENABLE
Orientation detection function enable
0 (default): Orientation detection function is disabled.
1: Orientation detection function is enabled.
Table 85. ORIENT_CONFIG register (address 29h) bit description...continued
15.28 ORIENT_DBCOUNT register (address 2Ah)
The
ORIENT_DBCOUNT register sets the debounce count used for validating an
orientation state change. The selected ODR in LPM and HPM modes, and the effective
ODR when operating in FPM determine the debounce counter period. Calculate
the minimum debounce latency time by ODR–1 *
ORIENT_DBCOUNT[7:0]. For
example, with an ODR of 100 Hz and debounce count value of 10, the new orientation
must be maintained for 100 ms before it is recognized as a valid orientation and
ORIENT_STATUS[NEW_ORIENT] is asserted. A transition from Standby to Active, a
transition from Active to Standby, or a change in the auto-WAKE/SLEEP mode resets the
internal orientation debounce counter.
Bit
7
6
5
4
3
2
1
0
Name
ORIENT_DBCOUNT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 86. ORIENT_DBCOUNT register (address 2Ah) bit allocation
Field
Description
7 to 0
ORIENT_
DBCOUNT[7:0]
8-bit unsigned orientation debounce counter value
A new orientation must be maintained for the minimum number of ODR periods specified
in order for the orientation to be considered valid before asserting the
ORIENT_
STATUS[NEW_ORIENT] event flag.
ORIENT_CONFIG[ORIENT_DBCNTM] controls the counter behavior.
The selected ODR in LPM and HPM modes and the effective ODR when operating in FPM
determines the debounce counter period. Calculate the minimum debounce latency time by:
Debounce_time = (ODR–1 * ORIENT_DBCOUNT)
Note: If the applied acceleration is greater than 1.25 g on any axis, the debounce counter is
held at the current value (frozen).
Table 87. ORIENT_DBCOUNT register (address 2Ah) bit description
15.29 ORIENT_BF_ZCOMP register (address 2Bh)
Orientation back/front and Z-tilt angle compensation register
Bit
7
6
5
4
3
2
1
0
Name
ORIENT_BKFR[1:0]
—
ORIENT_ZLOCK[2:0]
Reset
0
1
0
0
0
1
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 88. ORIENT_BF_ZCOMP register (address 2Bh) bit allocation
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
64 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com