Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 61 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 57Page - NXP Semiconductors FXLS8974CF Datasheet HTML 58Page - NXP Semiconductors FXLS8974CF Datasheet HTML 59Page - NXP Semiconductors FXLS8974CF Datasheet HTML 60Page - NXP Semiconductors FXLS8974CF Datasheet HTML 61Page - NXP Semiconductors FXLS8974CF Datasheet HTML 62Page - NXP Semiconductors FXLS8974CF Datasheet HTML 63Page - NXP Semiconductors FXLS8974CF Datasheet HTML 64Page - NXP Semiconductors FXLS8974CF Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
transition from STANDBY to ACTIVE or STANDBY to EXT_TRIG mode. The buffer may
be prevented from being flushed when transitioning from WAKE-to-SLEEP or SLEEP-to-
WAKE by setting
BUF_CONFIG1[BUF_GATE] = 1.
Disabling the buffer clears the
BUF_STATUS[BUF_OVF] and
BUF_STATUS[BUF_WMRK] event flags. Disabling the buffer also clears the
BUF_STATUS[BUF_CNT] field. The SYS_MODE[BUF_GATE_ERR] and
SYS_MODE[buf_gate_cnt] fields are also reset when the buffer is disabled, flushed, or
when the host reads out all the content.
Notes for using triggered operating mode with Auto-WAKE/SLEEP mode enabled:
1. When BUF_MODE = 11b,
ASLP_COUNT ≥ 1, and the ACTIVE bit is set,
FXLS8974CF immediately enters the WAKE mode. After
ASLP_COUNT ODR
periods, the buffer is flushed and the part enters SLEEP mode. The buffer collects
up to
BUF_CONFIG2[BUF_WMRK] samples at the SLEEP mode ODR before the
trigger event occurs (in stream mode).
2. After the trigger event, FXLS8974CF enters WAKE mode and remain there
regardless of the setting made in
ASLP_COUNT, ignore any subsequent triggers,
and collects (32 - BUF_WMRK[5:0]) samples at the WAKE mode ODR, set the
BUF_OVF flag, and cease collecting more data until the host flushes the buffer or
reads out all of the contents. Once the buffer is emptied or flushed, the triggered
mode is re-armed, but FXLS8974CF must first re-enter SLEEP mode (which will
happen after
ASLP_COUNT WAKE ODR periods) before a second set of data can
be collected.
3. The
BUF_CONFIG1[BUF_GATE] setting is ignored and has no effect. The buffer
contents are automatically flushed when FXLS8974CF transitions from WAKE to
SLEEP.
4. The interrupt events that prevent FXLS8974CF from entering SLEEP mode also
prevents the operation of the triggered mode (which requires FXLS8974CF to first
enter the SLEEP mode).
15.25 BUF_CONFIG2 register (address 27h)
Bit
7
6
5
4
3
2
1
0
Name
BUF_
FLUSH
WAKE_
SRC_BUF
BUF_WMRK[5:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 80. BUF_CONFIG2 register (address 27h) bit allocation
Field
Description
7
BUF_FLUSH
Buffer flush enable:
0: No pending buffer flush operation, or buffer flush completed
1: Buffer flush enable: all buffer contents and related event flags are cleared. The
SYS_
MODE[BUF_GATE_ERR] and SYS_MODE[BUF_GATE_CNT[4:0]] fields are also cleared.
The BUF_FLUSH bit is self-cleared within one internal clock cycle, and as such is not observable in a
logic high state through the I2C or SPI interfaces.
Table 81. BUF_CONFIG2 register (address 27h) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
61 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com