Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 47 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 43Page - NXP Semiconductors FXLS8974CF Datasheet HTML 44Page - NXP Semiconductors FXLS8974CF Datasheet HTML 45Page - NXP Semiconductors FXLS8974CF Datasheet HTML 46Page - NXP Semiconductors FXLS8974CF Datasheet HTML 47Page - NXP Semiconductors FXLS8974CF Datasheet HTML 48Page - NXP Semiconductors FXLS8974CF Datasheet HTML 49Page - NXP Semiconductors FXLS8974CF Datasheet HTML 50Page - NXP Semiconductors FXLS8974CF Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
ODR[3]
ODR[2]
ODR[1]
ODR[0]
ODR
Selection
(Hz)
Decimation
selection
(samples)
Noise RMS (mg)[1][2]
IDD
(µA)
0
0
1
1
400
1
10.91
20
0
1
0
0
200
1
10.71
11
0
1
0
1
100
1
10.63
5.3
0
1
1
0
50
1
10.71
3.1
0
1
1
1
25
1
10.66
1.8
1
0
0
0
12.5
1
10.65
1.4
1
0
0
1
6.25
1
10.69
1.0
1
0
1
0
3.125
1
10.77
0.80
1
0
1
1
1.563
1
10.63
0.70
1
1
0
0
0.781
1
10.57
0.65
1
1
0
1
0.781
1
10.57
0.65
1
1
1
0
0.781
1
10.57
0.65
1
1
1
1
0.781
1
10.57
0.65
Table 52. WAKE and SLEEP low-power mode ODR and decimation settings ...continued
[1]
Values are for ±2 g FSR only.
[2]
Based on post board mount characterization data. Tested on a mechanically isolated granite table to provide isolation from environmental vibration.
ODR[3]
ODR[2]
ODR[1]
ODR[0]
ODR
selection
(Hz)
Decimation
selection
(samples)
Noise RMS (mg)[1][2]
IDD
(µA)
0
0
0
0
3200
1
12.51
150
0
0
0
1
1600
2
8.57
150
0
0
1
0
800
4
5.79
150
0
0
1
1
400
8
4.00
150
0
1
0
0
200
16
2.80
150
0
1
0
1
100
32
1.98
150
0
1
1
0
50
64
1.40
150
0
1
1
1
25
128
1.01
150
1
0
0
0
12.5
256
0.74
150
1
0
0
1
6.25
512
0.56
150
1
0
1
0
3.125
1024
0.49
150
1
0
1
1
1.563
2048
0.40
150
1
1
0
0
0.781
4096
0.29
150
1
1
0
1
0.781
4096
0.29
150
1
1
1
0
0.781
4096
0.29
150
Table 53. WAKE and SLEEP High Performance mode ODR and decimation settings
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
47 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com