Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 20Page - NXP Semiconductors FXLS8974CF Datasheet HTML 21Page - NXP Semiconductors FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors FXLS8974CF Datasheet HTML 25Page - NXP Semiconductors FXLS8974CF Datasheet HTML 26Page - NXP Semiconductors FXLS8974CF Datasheet HTML 27Page - NXP Semiconductors FXLS8974CF Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Callout
Current
mode
Next mode
Transition criteria
Standby
WAKE
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 1
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit is set automatically after the BOOT process
completes when the INT1/MOT_DET pin is held high.
The host may also manually set this bit using the I2C or SPI interfaces to resume
motion detection mode after changing the device configuration (after entering
Standby mode from WAKE mode via register command)
7
WAKE
Standby
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 0
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit clears automatically when the INT1/MOT_DET
pin is brought low for ≥ TMOT_HIB ms; The host may also manually clear this bit
using the I2C or SPI interfaces in order to change the default device configuration.
WAKE
SLEEP
When
ASLP_CNT ≥ 1, the device transitions to the SLEEP mode when none of
the configured AWS interrupt sources clear the Auto-Wake/Sleep timer before it
expires (host programmed
ASLP_CNT value is reached), allowing the device to
conserve energy by automatically using a lower ODR and/or power (performance)
mode.
8
SLEEP
WAKE
One or more of the configured AWS event sources triggers the exit from SLEEP
mode and entry into WAKE.
Table 16. Operating modes transition criteria...continued
[1]
The host may also set
SENS_CONFIG5[HIBERNATE_EN] = 1 to enter Hibernate mode, but a logic state transition on the SPI_CS_B / WAKE_UP pin
does not cause the device to exit Hibernate mode when BT_MODE = VDD.
2
1
Operating mode
Operating mode
VDD-min
VDD pin level
3
4
5
6
BOOT
TBOOT2
TPULSE-BOOT2
TPULSE-WIN
TBOOT2
aaa-040847
MOT_DET
BOOT
Hibernate
OFF
Hibernate
Motion Detection mode
BOOT_OUT
(external pull-up
to VDD)
MOT_DET +
BOOT_OUT
(wired-AND,
no BOOT_OUT
pull-up to VDD)
TPULSE-MOT
TMOT-HIB
TPULSE-BOOT2
TFLT-MOT_DET
TPULSE-THRESx
TPULSE-WIN
Figure 15. BOOT2 sequence and One-wire motion-detection protocol diagram (BT_MODE = VDD)
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
24 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com