Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 56Page - NXP Semiconductors FXLS8974CF Datasheet HTML 57Page - NXP Semiconductors FXLS8974CF Datasheet HTML 58Page - NXP Semiconductors FXLS8974CF Datasheet HTML 59Page - NXP Semiconductors FXLS8974CF Datasheet HTML 60Page - NXP Semiconductors FXLS8974CF Datasheet HTML 61Page - NXP Semiconductors FXLS8974CF Datasheet HTML 62Page - NXP Semiconductors FXLS8974CF Datasheet HTML 63Page - NXP Semiconductors FXLS8974CF Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
6 to 5
BUF_MODE[1:0]
Buffer data collection mode:
00: Buffer is disabled.
01: Stream Mode: buffer always contains the most recent 32 samples when overflowed. The oldest
sample data is replaced with new data when the buffer becomes full and a new sample arrives.
10: Stop Mode: buffer stops accepting new samples when full.
11: Trigger mode: The buffer will operate in circular mode until the trigger event occurs, collecting
up to
BUF_CONFIG2[BUF_WMRK[5:0]] samples; after a configured trigger event occurs the buffer
continues to accept up to (32-
BUF_CONFIG2[BUF_WMRK[5:0]]) samples, set the BUF_OVF flag,
and stop collecting further samples. Trigger mode allows acceleration data to be collected both before
and after the trigger event, with the maximum number of pre-trigger samples defined by the
BUF_
CONFIG2[BUF_WMRK[5:0]] setting.
Note: The BUF_OVF flag is cleared and the triggered mode re-armed once the host flushes or reads
all the buffer contents.
The available trigger sources are the SDCD within- and outside-of-thresholds events, and orientation
change event. These trigger sources are enabled in this register via the TRIG_SDCD_WT, TRIG_
SDCD_OT, and TRIG_ORIENT bits.
4
BUF_GATE
Output data buffer gate enable:
0: Buffer gate is bypassed (default). Output data buffer is automatically flushed when FXLS8974CF
transitions from WAKE to SLEEP or SLEEP to WAKE modes. This operation prevents acceleration
data from two different ODRs rates becoming mixed in the output buffer.
1: The Output data buffer input gate is enabled when transitioning from WAKE to SLEEP or SLEEP to
WAKE modes; the entire buffer contents must be read out or flushed (
BUF_CONFIG2[BUF_FLUSH]
= 1) to allow the further collection of sample data. Any new samples that arrive before the buffer has
been read out or flushed are discarded, and the BUF_GATE_ERR bit in the
SYS_MODE register
is asserted.
SYS_MODE[BUF_GATE_CNT] maintains a count of the number of samples discarded
since the BUF_GATE_ERR flag was asserted.
Although FXLS8974CF still transitions from WAKE to SLEEP or SLEEP to WAKE, the contents of
the FIFO buffer are preserved, and any new data samples are not stored in the buffer until it is either
emptied of flushed by the host application.
Notes:
• The BUF_GATE_ERR flag remains asserted as long as the buffer remains un-emptied.
• When triggered buffer mode (BUF_MODE = 11b) is selected and ASLP_COUNT ≥ 1, the
BUF_GATE setting is ignored.
• The BUF_GATE bit in 1: Trigger source is enabled, when set, holds the last data set stored in the
buffer before transitioning to the SLEEP or WAKE modes. After the buffer is flushed, FXLS8974CF
will start accepting new sample data into the buffer at the current operating mode ODR.
3
TRIG_SDCD_WT
SDCD within thresholds event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
2
TRIG_SDCD_OT
SDCD outside of thresholds event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
0
TRIG_ORIENT
Orientation change event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
Table 79. BUF_CONFIG1 register (address 26h) bit description...continued
The buffer contents are flushed whenever the buffer is disabled (by setting BUF_MODE
= 00b), when
BUF_CONFIG2[BUF_FLUSH] is set, or after an automatic power
mode change when transitioning from WAKE-to-SLEEP or SLEEP-to-WAKE with
BUF_CONFIG1[BUF_GATE] = 0. The buffer contents are also automatically flushed on a
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
60 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com