Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 34 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 30Page - NXP Semiconductors FXLS8974CF Datasheet HTML 31Page - NXP Semiconductors FXLS8974CF Datasheet HTML 32Page - NXP Semiconductors FXLS8974CF Datasheet HTML 33Page - NXP Semiconductors FXLS8974CF Datasheet HTML 34Page - NXP Semiconductors FXLS8974CF Datasheet HTML 35Page - NXP Semiconductors FXLS8974CF Datasheet HTML 36Page - NXP Semiconductors FXLS8974CF Datasheet HTML 37Page - NXP Semiconductors FXLS8974CF Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
VECM[11:8]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 26. VECM_MSB register (address 03h) bit allocation
Field
Description
3 to 0
VECM[11:8]
MSB of the 12-bit unsigned acceleration vector modulus result
Table 27. VECM_MSB register (address 03h) bit description
15.5 OUT_X_LSB, OUT_X_MSB, OUT_Y_LSB, OUT_Y_MSB, OUT_Z_LSB,
OUT_Z_MSB registers (addresses 04h to 09h)
These registers contain the 12-bit X-axis, Y-axis, and Z-axis output acceleration data in
2's complement format.
The output data is latched into the
OUT_X/Y/Z registers along with the assertion of the
SRC_DRDY event flag.
When
SENS_CONFIG2[F_READ] = 1, the auto-increment mechanism skips the MSB
registers in a burst read transaction. This operation shortens the output data size from 6
bytes to 3 bytes per XYZ sample read.
The byte order of the output data is programmable via
SENS_CONFIG2[LE_BE] and
defaults to little-endian mode.
When
SENS_CONFIG2[F_READ] = 1, the MSB of each axis's data is stored at the LSB
address, regardless of the setting made in
SENS_CONFIG2[LE_BE].
In little-endian mode, the output data registers are arranged with the LSB of each axis's
data stored at the lower address. The upper nibble (MSB) is stored at the next address,
in right justified format. In little-endian mode, the MSB is sign extended to form a 16-bit
2's complement value.
In big-endian mode (
SENS_CONFIG2[LE_BE] = 1), the output data registers are
arranged with the MSB of each axis's data stored at the lower register address. The
lower nibble is stored at the next address, and is left justified. The big-endian option
allows a big-endian processor to directly read the output data into an array without the
need to perform byte swaps. The host software must right shift the data by 4 bits (or
divide by 16) in order to obtain the correct scaling of the output data. The sign extension
of the data must be done explicitly, depending on the C compiler used.
Notes:
• There is a ~40 µs delay between the ADC acquisitions of the accelerometer X,Y,Z, and
temperature data. The temperature data is acquired first, followed by the X, Y, and Z
axes acceleration data. All data is latched into the output registers at the same time
instant, coincident with the SRC_DRDY event flag being asserted. Whenever any of
the
OUT_X/Y/Z registers is read the SRC_DRDY event flag is cleared.
• SX means sign extension, which is the logic level of the most significant bit of the 12-bit
OUT_X/Y/Z register data, also known as OUT_X/Y/Z[11].
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
34 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com