Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 89 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 85Page - NXP Semiconductors FXLS8974CF Datasheet HTML 86Page - NXP Semiconductors FXLS8974CF Datasheet HTML 87Page - NXP Semiconductors FXLS8974CF Datasheet HTML 88Page - NXP Semiconductors FXLS8974CF Datasheet HTML 89Page - NXP Semiconductors FXLS8974CF Datasheet HTML 90Page - NXP Semiconductors FXLS8974CF Datasheet HTML 91Page - NXP Semiconductors FXLS8974CF Datasheet HTML 92Page - NXP Semiconductors FXLS8974CF Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Term
Description
Zero-g offset
The accelerometer zero-g offset describes the deviation of the sensor output from the ideal
0g value when no motion or gravity is acting on it. With an accelerometer stationary and
placed on a level, horizontal surface, the ideal output is 0 g for the X and Y axes. Likewise,
if the accelerometer is placed on a vertical plane, the ideal output is 0 g for the Z-axis. The
deviation of each output from the ideal value is called zero-g offset. Offset is, to some extent,
a result of stress on the sensor and how well the sensor is leveled when soldered to the
board. Therefore, the zero-g offset can change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress.
For applications that require increased precision, any residual post-board mount offset may be
removed using the
OFF_X/Y/Z registers, or alternatively, in the host application software.
Table 121. Glossary...continued
21 References
[1] AN1902 — Assembly Guidelines for QFN and DFN Packages, https://www.nxp.com/webapp/Download?
colCode=AN1902
[2] AN13193 — Self-test procedure for FXLS896xAF and FXLS897xCF, https://www.nxp.com/docs/en/application-note/
AN13193.pdf
[3] UM10204 — I2C-bus specification and user manual, https://www.nxp.com/webapp/Download?colCode=UM10204
22 Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
FXLS8974CF v.1.5
20220311
Product data sheet
—
FXLS8974CF v.1.4
Modifications:
• Section 2, revised the low noise feature from "280 µg/√Hz" to "230 µg/√Hz".
FXLS8974CF v.1.4
20220302
Product data sheet
—
FXLS8974CF v.1.3
FXLS8974CF v.1.3
20211022
Preliminary data sheet —
FXLS8974CF v.1.2
FXLS8974CF v.1.2
20211015
Preliminary data sheet —
FXLS8974CF v.1.1
FXLS8974CF v.1.1
20211005
Preliminary data sheet —
FXLS8974CF v.1
FXLS8974CF v.1
20210427
Objective data sheet
—
—
Table 122. Revision history
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
89 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com