Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 67Page - NXP Semiconductors FXLS8974CF Datasheet HTML 68Page - NXP Semiconductors FXLS8974CF Datasheet HTML 69Page - NXP Semiconductors FXLS8974CF Datasheet HTML 70Page - NXP Semiconductors FXLS8974CF Datasheet HTML 71Page - NXP Semiconductors FXLS8974CF Datasheet HTML 72Page - NXP Semiconductors FXLS8974CF Datasheet HTML 73Page - NXP Semiconductors FXLS8974CF Datasheet HTML 74Page - NXP Semiconductors FXLS8974CF Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
1
Z_WT_EF
Z-axis data or delta inside of upper and lower thresholds event flag; This flag is only valid if Z_WT_EN
= 1:
0: Z-axis data or delta is ≥
SDCD_UTHS value or ≤ SDCD_LTHS value.
1: Z-axis data or delta is <
SDCD_UTHS and > SDCD_LTHS value.
Notes:
• The SDCD_CONFIG1[WT_ELE] bit determines the behavior of this bit. If WT_ELE = 1, the flag
is latched when WT_EA goes high, and remains set until it is cleared by reading the
SDCD_
INT_SRC2 register. If the host wishes to know the state of this event flag, it must be read prior to
reading the
SDCD_INT_SRC2 register.
• If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated if WT_EA = 1 and the SDCD_WT_DBCNT
value is reached. If WT_ELE = 0, the X/Y/Z_WT_EF flags are updated even if WT_EA = 0 when the
SDCD_WT_DBCNT value is set to 0.
Table 99. SDCD_INT_SRC2 register (address 2Eh) bit description...continued
15.31.3 SDCD_CONFIG1 register (address 2Fh)
Bit
7
6
5
4
3
2
1
0
Name
OT_ELE WT_ELE X_OT_EN Y_OT_EN Z_OT_EN X_WT_EN Y_WT_EN Z_WT_EN
Reset (BT_MODE = GND)
0
0
0
0
0
0
0
0
Reset (BT_MODE = VDD)
0
0
1
1
1
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 100. SDCD_CONFIG1 register (address 2Fh) bit allocation
Field
Description
7
OT_ELE
SDCD outside-of-thresholds event latch
0 (default): Outside of thresholds event flag latching is disabled.
1: Outside of thresholds event flag latching is enabled.
With outside-of-thresholds event latching enabled, the X/Y/Z_OT_EF flags can only be cleared
by reading the
SDCD_INT_SRC1 register. When OT_ELE is set, the outside-of-thresholds event
condition (OT_EA) flag is only asserted when the event condition transitions from False to True. For
example, once the OT_EA flag is set, the event condition must become False before a subsequent
True event is recognized. With outside-of-thresholds event latching disabled, the X/Y/Z_OT_EF flags
are updated in real time and may be cleared by the function prior to the host system reading
SDCD_
INT_SRC1 if the event condition becomes false before the read occurs.
6
WT_ELE
SDCD within-thresholds event latch
0 (default): Within thresholds event flag latching is disabled.
1: Within thresholds event flag latching is enabled.
With within-thresholds event latching enabled, the X/Y/Z_WT_EF flags can only be cleared by reading
the
SDCD_INT_SRC2 register. When within-thresholds event latching is disabled, the X/Y/Z_WT_EF
flags are updated in real time and may be cleared by the function prior to the host system reading
the
SDCD_INT_SRC2 register, if the event condition becomes false before the read occurs. When
WT_ELE is set, the within-thresholds event condition (WT_EA) flag is only asserted when the event
condition transitions from False to True. For example, once the WT_EA flag is set, the event condition
must become False before a subsequent True event will be recognized
5
X_OT_EN
SDCD function X-axis outside-of-thresholds condition
0: X-axis data or delta is not used in the outside of thresholds condition evaluation.
1: X-axis data or delta is used in the outside of thresholds condition evaluation.
Table 101. SDCD_CONFIG1 register (address 2Fh) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
71 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com