Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8974CF Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 16Page - NXP Semiconductors FXLS8974CF Datasheet HTML 17Page - NXP Semiconductors FXLS8974CF Datasheet HTML 18Page - NXP Semiconductors FXLS8974CF Datasheet HTML 19Page - NXP Semiconductors FXLS8974CF Datasheet HTML 20Page - NXP Semiconductors FXLS8974CF Datasheet HTML 21Page - NXP Semiconductors FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
aaa-040845
SCLK
tSET
tHOLD
tHZ
tSCS
tSCLK
tSCLKH
tSCLKL
tDDLY
tHCS
tWCS
High-Impedance
High-Impedance
High-Impedance
SPI_DATA
SPI_MISO
SPI_CS_B
Figure 13. SPI timing diagram (3-wire mode)
14 Operating modes
Mode[1]
I2C/SPI
bus state
VDD
Description
OFF
Unavailable
< 1.71 V
Communication with FXLS8974CF is not possible, but communications with other
devices on the same I2C/SPI bus is possible provided the VDD supply pin is left
floating/unconnected and not connected to GND.
If VDD is not left floating/unconnected, the ESD protection diodes on the interface
pins could become forward biased and clamp the bus, preventing normal
operation.
As soon as the supply reaches 1.71 V, the device BOOT process begins.
BOOT
Unavailable
≥ 1.71 V
BT_MODE = GND:
In this phase, the device is initialized and any default configuration parameters are
loaded from OTP memory. When this phase is complete, the SRC_BOOT bit is
set and a TPULSE-BOOT1 µs pulse may be signaled on either one of the INT1/2 pins
(defaults enabled on the INT1 pin after POR).
BT_MODE = VDD:
In this phase, the device is initialized and any default configuration parameters
are loaded from OTP memory, along with any default Motion Detection function
specific parameters. When the default configuration parameters are loaded from
OTP memory, the SRC_BOOT bit is set and a boot pulse, TPULSE-BOOT2, can be
signaled on the INT2 pin. By default, the boot pulse is routed to INT2 pin and
cannot be routed to INT1 pin.
Table 15. FXLS8974CF operating modes descriptions
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
20 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com