Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 22Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 23Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 24Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 26Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 27Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 28Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
User Manual
25 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
Motor speed can be calculated as shown below.
�������������������� ��������������������(������������) =
�������������������� ������������������������������������(��������) ∗ ������������
�������������������� ������������ ����������������������������������������
For example, PGOUT frequency is about 80 Hz and Pulse per Revolution is 6, and then the motor speed will be
800 RPM.
By default, VDD is 3.3V for EVAL-M1-101T. The input of VSP and PGOUT (pulse generation output) should be
limited within the voltage range of 0 and 3.3V. While for some application, PGOUT should be connected to
speed measurement circuit. The evaluation board EVAL-M1-101T provides FG (Frequency Generation) signal
with an open drain structure controlled by PGOUT as shown in Figure 23. And FG signal can be pull up to 30V.
The frequency of FG is the same as PGOUT, and the calculation equation for motor speed is the same.
Figure 23
VSP Input Connector and level shit schematic for FG
VSP
1
2
3
4
JP2
+3.3V
+3.3V
GND
Q1
IRLML2030
R21
100R
FG
PGOUT
GND
FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com