Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
User Manual
18 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
5
Hardware description of EVAL-M1-101T
This chapter covers hardware design of the EVAL-M1-101T in more details. To enable users to make the EVAL-
M1-101T evaluation board a basis for a new development or modification of their own systems, all necessary
technical data like schematics, layout and components are also included in this chapter.
5.1
Current feedback circuitry
5.1.1
Shunt configuration
Both single shunt and leg shunt topologies are supported by the EVAL-M1-101T control board. The user needs
to make sure that the shunt configuration matches with power board hardware configuration. Please refer to
the power board Application Note for details. The shunt configuration can be changed in MCEWizard by clicking
and selecting in the pull down list marked with red box as shown in Figure 11.
Figure 11
Shunt Configuration
5.1.2
External Current feedback configuration and calculation
The shunt resistance Rsh value can be found in the schematics or application note for the power board (For
example, the leg shunt resistors are 100mΩ for EVAL-M1-CM610N3 and 250mΩ for EVAL-M1-05-65D).
The current input value is product of the shunt resistance in milliohms and gain of External current sense
amplifier as shown in Figure 12.
Figure 12
Current shunt feedback and sample timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com