Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 15Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 16Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 22Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
User Manual
19 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
Figure 13 depicts IU+ current feedback sensing circuity on EVAL-M1-101T evaluation board. Please note that the
default external amplification gain is less than 1 for current sense in this evaluation board.
Figure 13
The part of Current feedback on the EVAL-M1-101T evaluation board
Based on the principle of Kirchhoff's voltage law,
����2 ≈ ����1 ≈ (������������ − ��������ℎ ∗ ��������ℎ) ∗
����7
����6 + ����7
+ ��������ℎ ∗ ��������ℎ =
����7
����6 + ����7
������������ +
����6
����6 + ����7
��������ℎ ∗ ��������ℎ
���������������������������� �������������������� =
����6
����6 + ����7
��������ℎ =
5
6
��������ℎ
Based on this calculation, the current input for the MADK combination of EVAL-M1-101T and EVAL-M1-CM610N3
is 83.3 mV/A, and for the combination of EVAL-M1-101T and EVAL-M1-05-65D it is 208.3 mV/A. Please use same
procedure to calculate the current input for other combinations of MADK boards and enter it into MCEWizard.
Figure 14
Current feedback configuration in MCEWizard for EVAL-M1-101T and EVAL-M1-CM610N3
R7
2k, 1%
C15
220pF
IU+
R6
10k, 1%
+3.3V
R8
100R
IU
6
iMOTION
Controller
Rsh
Current shunt
resistor on power
board
V2
Ish
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com