Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 2Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 3Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
User Manual
6 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
3.1
Functional description
Figure 2 shows a typical motor control application block diagram using the IMC101T-T038. The IMC101T-T038
provides a built-in closed loop sensorless control algorithm using the unique flexible Motion Control Engine (MCE)
for permanent magnet motors. The MCE™ consists of a collection of control elements, motion peripherals, a
dedicated motion control sequencer and internal memory to map internal signal nodes. IMC101T-T038 also
employs a unique single shunt current reconstruction circuit in addition to leg shunt current sensing circuit to
eliminate additional analog/digital circuitry.
M
3-phase
inverter
Current Sensing
single/ leg shunt
Passive
EMI Filter
& Rectifier
Host
Communication
Analog
USB
IPM based or discrete MADK power board
Gate driver
Power
supply
M1 or M3 standard
Isolated
On-Board
Debugger
EVAL-M1-101T
15V
3.3V
PWM
VDC
Figure 2
Typical Application Block Diagram Using IMC101T-T038
3.2
IMC101T-T038 pinout description
The main part of the EVAL-M1-101T MADK control board is the IMC101T-T038 iMOTION™ motor control IC.
Figure 3 depicts the pinout of the IMC101T-T038 IC. IMC101T-T038 comes in a compact 9.7mm x 6.4mm 38-pin
TSSOP package.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
IMC101T
T038
(Top View)
-
VDC
IV
REFV
REFU
IU
NTC
PARAM
VSS
VDD
PWMUL
PWMUH
PWMVL
PWMVH
PWMWL
PWMWH
LED
GK
TXD1
-
IW
REFW
VSP
TXD0
RXD0
-
DUTYFREQ
-
-
DIR
PAR3
VDD
VSS
PAR2
PAR1
PAR0
PGout
RXD1
Figure 3
Pinout of IMC101T-T038



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com