Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 3Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
User Manual
7 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
Table 2 lists the available pins of IMC101T-T038 with short descriptions. For more detailed information, please
refer to the datasheet or User Manual for iMOTION™ IMC101T-T038 motor control IC.
Table 2
IMC101T-T038 pinout description
Pin#
Type
Pin Name
Description
1
-
-
not used
2
AIN
VDC
DC bus sensing input
3
AIN
IV/AIN6
Phase V current leg sensing
4
AIN
REFV/AIN7
Itrip phase V reference
5
AIN
REFU/AIN8
Itrip phase U reference
6
AIN
IU
Phase U leg sensing or single shunt
current sensing
7
AIN
NTC
external temp sense input
8
AIN
PARAM
Parameter table selection, analog
9
Power
VSS
ground
10
Power
VDD
VDD supply power
11
O
PWMUL
motor PWM phase U low side
12
O
PWMUH
motor PWM phase U high side
13
O
PWMVL
motor PWM phase V low side
14
O
PWMVH
motor PWM phase V high side
15
O
PWMWL
motor PWM phase W low side
16
O
PWMWH
motor PWM phase W high side
17
O
LED
Status LED
18
I
GK
Motor Gatekill input
19
O
TXD1
UART1 Transmit for host interface
20
I
RXD1
UART1 Receive for host interface
21
O
PGOUT
PG output
22
I
PAR0
Parameter page select bit 0
23
I
PAR1
Parameter page select bit 1
24
I
PAR2
Parameter page select bit 2
25
Power
VSS
ground
26
Power
VDD
VDD supply power
27
I
PAR3
Parameter page select bit 3
28
I
DIR
direction input
29
-
-
not used
30
-
-
not used
31
I
DUTYFREQ
Duty/Freq input for speed input
32
-
-
not used
33
I
RXD0
UART0 Receive for SW download
34
O
TXD0
UART0 Transmit for SW download
35
AIN
VSP
Analog speed reference input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com