Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
User Manual
9 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
Parameters
Values
Conditions / comments
System environment
Ambient temperature
-40 - 105°C
3.4
Pin assignment
Essential information about the connections of the EVAL-M1-101T evaluation board is described below.
Table 4 includes the details of UART connectors.
Table 4
J1- UART Connector
Pin Nr.
Pin
Details
1
TXD0
Serial port 0 Output, IMC101T-T038 transmit data to master controller
2
RXD0
Serial port 0 Input, IMC101T-T038 receive data from master controller
3
+3.3V
VDD power supply
4
GND
Ground
5
GND
Ground
6
+3.3V
VDD power supply
7
RXD1
Serial port 1 Input, IMC101T-T038 receive data from master controller
8
TXD1
Serial port 1 Output, IMC101T-T038 transmit data to master controller
Table 5 provides the pin assignments of the iMOTION™ MADK-M1 20 pins interface connector J2. This connector
is the interface to the power board.
Table 5
J2- iMOTION™MADK-M1 20 pins interface connector for control board
Pin
Name
Pin Name Connectors
1
PWMUH
VDD compatible logic output for high side gate driver-Phase U
2
GND
Ground
3
PWMUL
VDD compatible logic output for low side gate driver-Phase U
4
GND
Ground
5
PWMVH
VDD compatible logic output for high side gate driver-Phase V
6
+3.3V
On board VDD supply
7
PWMVL
VDD compatible logic output for low side gate driver-Phase V
8
+3.3V
On board VDD supply
9
PWMWH
VDD compatible logic output for high side gate driver-Phase W
10
IU+
Shunt voltage phase U
11
PWMWL
VDD compatible logic output for low side gate driver-Phase W
12
IU-
Ground
13
GK
Gate kill signal – active low when over current is detected
14
DCBSENSE
DC bus positive voltage, scaled in 0 - VDD range by a voltage divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com