Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 22Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 23Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 24Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 26Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 27Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 28Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 29Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
User Manual
26 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
5.3
Schematics overview
Figure 24 shows the schematic of EVAL-M1-101T evaluation board with IMC101T-T038 controller.
Figure 24
The schematics for the EVAL-M1-101T evaluation board
Figure 25 shows the signal test pin connector schematic for EVAL-M1-101T.
Figure 25 Signal test pin connector schematics for the EVAL-M1-101T evaluation board
R3
2k
R4
2k
PWMWL
PWMWH
PWMVL
PWMVH
PWMUL
PWMUH
GK
RXD1
TXD1
C4
104
C3
104
C14
104, DNI
C19
104, DNI
C17
104, DNI
R10 2k, 1%
R7 2k, 1%
C15
220pF
C18
220pF
IU+
R6
10k, 1%
+3.3V
IV+
R9
10k, 1%
+3.3V
R8
100R
R11
100R
R13
2k, 1%
C20
220pF
IW+
R12
10k, 1%
+3.3V
R14
100R
Using internal x3 gain (without external Op-amp):
R6= 10.0K, R7 = 2.00K, R8 = 100R
Effective gain = 3 * 5 / 6 = 2.5 (due to R7 pull up)
Same for Iv and Iw channels
C9
103
C16
222
C21
472
+3.3V
+3.3V
RXD0
TXD0
LED1
RED
LED2
BLUE
C5
104
R2
4.87k, 1%
+3.3V
VSP
VTH
LED
PGOUT
C6
104
PWMWL
PWMWH
PWMVL
PWMVH
PWMUL
PWMUH
VSP
35
PWMUL
11
PWMUH
12
PWMWL
15
PWMWH
16
VDC
2
PARAM
8
IU
6
REFU
5
RXD1
20
GateKill
18
TXD0
34
RXD0
33
IW
37
REFW
36
IV
3
REFV
4
PGout
21
TXD1
19
PWMVL
13
PWMVH
14
LED
17
IMC101T-T038
PAR1
23
PAR2
24
DIR
28
PAR3
27
AIN4
1
NTC
7
PAR0
22
P0010
29
P0011
30
P0013
32
DUTYFREQ
31
AIN3
38
U1
IMC101T-T038
C8
472
R1
13.3k, 1%
DCBSENSE
C7
472
AIN4
C10
472
PARAM
C11
472
AIN3
R5
47R
C13
222
C12
222
REFU
P0010
P0011
P0013
PAR2
PAR3
DIR
PAR1
PAR0
DUTYFREQ
R15
0R
R16
0R
R17
0R
REFV
REFW
R18 2K
R19 2K
IV-
IU-
R20 2K
IW-
1
TP1
+3.3V
C2
104
C1
10uF, 10V
TP5
VL
TP3
UL
TP4
VH
TP2
UH
GK
TP7
WL
TP6
WH
1
TP8
GND
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GK
IU+
IU-
IV+
IV-
DCBSENSE
VTH
IW+
IW-
15V
GND
+3.3V
+3.3V
VTH
IV+
IV-
IW+
IW-
IU-
IU+
+3.3V
DCBSENSE
GK
GND
+3.3V
PWMUH
1
GND
2
PWMUL
3
GND
4
PWMVH
5
+3.3V
6
PWMVL
7
+3.3V
8
PWMWH
9
IU+
10
PWMWL
11
IU-
12
GK
13
DCBSENSE
14
VTH
15
IV+
16
IV-
17
IW+
18
IW-
19
VCC
20
J2
MADK M1 Connector
+3.3V
P0010
P0011
P0013
PAR2
PAR3
DIR
PAR1
GND
+3.3V
VSP
PAR0
DUTYFREQ
AIN4
PARAM
AIN3
+3.3V
1
2
3
4
5
6
7
8
9
10
11
12
JP1
PGOUT
GND
+3.3V
+3.3V
GND
1
2
3
4
5
JP3
1
2
3
4
JP2
+3.3V
+3.3V
GND
Q1
IRLML2030
R21
100R
FG
PGOUT
GND
FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com