Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 26Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 27Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 28Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 29Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 30Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 31Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 32Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 33Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
User Manual
30 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty. Part description
Designator Part Number
Manufacturer
22
1
OSC 12.0000MHz SMD
Q101
12MHz/S/3.2X2.5
Quarz
23
1
RES SMD 13.3kΩ 1% 1/10W 0603
R1
RC0603FR-0713K3L
Yageo
24
1
RES SMD 4.87kΩ 1% 1/10W 0603
R2
RC0603FR-074K87L
Yageo
25
5
RES SMD 2kΩ 5% 1/10W 0603
R3, R18,
R19, R20,
R102
RC0603JR-072KL
Yageo
26
2
RES SMD 9.1kΩ 5% 1/10W 0603
R4, R101
RC0603JR-079K1L
Yageo
27
1
RES SMD 47Ω 5% 1/10W 0603
R5
RC0603JR-0747RL
Yageo
28
3
RES SMD 10kΩ 1% 1/10W 0603
R6, R9, R12 RC0603FR-0710KL
Yageo
29
3
RES SMD 2kΩ 1% 1/10W 0603
R7, R10,
R13
RC0603FR-072KL
Yageo
30
4
RES SMD 100Ω 5% 1/10W 0603
R8, R11,
R14, R21
RC0603JR-07100RL
Yageo
31
5
RES SMD 0Ω JUMPER 1/10W 0603
R15, R16,
R17, R110,
R111
RC0603FR-070RL
Yageo
32
2
RES SMD 10kΩ 5% 1/10W 0603
R103, R108 RC0603JR-0710KL
Yageo
33
2
RES SMD 33Ω 5% 1/10W 0603
R104, R106 RC0603JR-0733RL
Yageo
34
1
RES SMD 510Ω 5% 1/10W 0603
R105
RC0603JR-07510RL
Yageo
35
1
RES SMD 4.7kΩ 5% 1/10W 0603
R107
RC0603JR-074K7L
Yageo
36
1
RES SMD 1MΩ 5% 1/10W 0603
R109
RC0603JR-071ML
Yageo
37
10
TEST POINT PC MINI .040"D
BLACK
TP1/+3.3V,
TP2/UH,
TP3/UL,
TP4/VH,
TP5/VL,
TP6/WH,
TP7/WL,
TP8/GND,
TP9/GK,
TP10/GND
5001
Keystone Electronics
38
1
IC MCU 32BIT 128KB FLASH
38TSSOP
U1
IMC101T-T038
Infineon Technologies
39
1
IC MCU 32BIT 256KB FLASH
48VQFN
U101
XMC4200-Q48F256
BA
Infineon Technologies
40
1
IC REG LINEAR 3.3V 1A SOT223-4
U102
IFX1117-ME V33
Infineon Technologies
41
1
DGTL ISO 3.75KV GEN PURP 8SOIC U103
SI8621EC-B-IS
Silicon Labs
42
2
TVS DIODE 17VC WLL-2-1
V101, V102
ESD237-B1-W0201
Infineon Technologies
43
1
DIODE SCHOTTKY 30V 1A SOD323-
2
V103
BAS3010A-03W
Infineon Technologies
44
1
CONN RCPT MICRO USB AB SMD
R/A
X101
ZX62-AB-5PA
Hirose Electric Co Ltd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com