Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 17Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 18Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 19Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 20Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 21Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 22Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 23Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 24Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
User Manual
21 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
5.2
EVAL-M1-101T analog inputs and their MCEWizard setup
Besides current sensing inputs, IMC101T-T038 provides number of analog inputs for different system functions.
Figure 16 depicts analog inputs of the IMC101T-T038 except current sensing inputs.
Figure 16
Analog inputs on the EVAL-M1-101T evaluation board
5.2.1
DC bus sensing configuration
The low side resistor R1 for the DC bus sensing resistor divider on the controller board EVAL-M1-101T is 13.3kΩ,
and should be configured in MCEWizard as shown in Figure 17. For the high side resistor value, please refer to
the Application Note of the corresponding power board.
Figure 17
DC bus sensing configuration in MCEWizard
R2
4.87k, 1%
+3.3V
VSP
VSP
35
VDC
2
PARAM
8
AIN4
1
NTC
7
AIN3
38
C8
472
R1
13.3k, 1%
DCBSENSE
C7
472
AIN4
C11
472
AIN3
C12
222
VTH
C9
103
PARAM
C10
472
External Temperature Sense input
DC Bus Voltage Sensing input
VSP Analog Voltage Control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com