Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  12MHZ/S/3.2X2.5 Datasheet HTML 1Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 2Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 3Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
User Manual
5 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
3
EVAL-M1-101T main features
EVAL-M1-101T is an evaluation control board for motor control applications. The kit demonstrates Infineon’s
motion control IC technology.
Main features of the IMC101T-T038 Motion Control IC are:
MCE (Motion Control Engine) as ready-to-use solution for variable speed drives
Field oriented control (FOC) for permanent magnet synchronous motor (PMSM)
Space vector PWM with sinusoidal commutation and integrated protection features
Current sensing via single or leg shunt
Sensorless operation
Various serial communication interfaces (UART, I2C, SPI)
Multiple motor parameter support
3.3V (default) or 5V VDD power supply
Flexible host interface options for speed commands: UART, I2C, SPI, PWM or analog signal
Support for IEC 60335 (‘Class B’)
Scalable package options
The evaluation board characteristics are:
Complete kit for running any permanent magnet motor via sensorless sinusoidal control
3.3V (default) or 5V VDD power supply
Micro-USB connector and on-board debugger isolated by digital isolator
Capable of 3-phase and type 3 of 2-phase modulation
RoHS complaint
PCB size is 65 x 45 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com