Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 4Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 5Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
User Manual
8 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
36
AIN
REFW
Itrip phase W reference
37
AIN
IW
Phase W current leg sensing
38
-
-
not used
3.3
EVAL-M1-101T board specifications
Table 3 depicts the important specifications of the evaluation board EVAL-M1-101T.
Table 3
EVAL-M1-101T board specifications
Parameters
Values
Conditions / comments
Host Interface (Not isolated)
UART(TXD RXD)
0 - VDD
Serial port 1 typical 57600 Bps
AIN
0 - VDD
analog input
DIN
0 - VDD
digital input
DOUT
0 - VDD
digital output
FG
0 - 30V
digital output with open drain
structure
Input
VDD
3.3V (default), 5V
Controller supply voltage
DC Bus
DC Bus Scaling
8.20 counts/V
13.3kΩ resistor on control board,
and 2MΩ resistor on power board
DC Bus sensing range
499.54V max
Current feedback
Internal Current Feedback
Amplifier Gain
1, 3, 6, 12
Configured by MCEWizard
Current sensing device
0 – VDD/Gain
Single shunt resistor
Leg shunt resistor
Current Op-amp Configuration
Non-Inverting
default setting
Current External Amplification
Gain
0.833
Resolution
12-bit
PCB design may reduce the
resolution
Latency
1 pwm cycle
Protections
NTC Temperature shutdown value
0 - VDD (configured by
MCEWizard)
PCB characteristics
Material
FR4, 1.6MM thickness
Copper thickness = 1oz (35um)
Dimension
65mmx45mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com