Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 23Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 24Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 25Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 26Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 27Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 28Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 29Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 30Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
User Manual
27 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M1-101T
5.4
PCB layout overview
The layout of this board can be used for different voltage or power classes of power board. The PCB has two
electrical layers with 35µm copper by default and its size is 65 mm ×45 mm. The PCB board thickness is 1.6mm.
Check the Infineon’s website or get in contact with Infineon’s technical support team to get more detailed
information and the latest Gerber-files.
Figure 26 illustrates the top assembly print and top paste layers of the evaluation board.
Figure 26
Top overlay print of the EVAL-M1-101T evaluation board
Figure 27 depicts the bottom assembly print of the evaluation board.
Figure 27
Bottom overlay print of the EVAL-M1-101T evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com