Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12MHZ/S/3.2X2.5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 12MHZ/S/3.2X2.5
Description  iMOTION™ Modular Application Design Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12MHZ/S/3.2X2.5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 12MHZ/S/3.2X2.5 Datasheet HTML 6Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 7Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 8Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 9Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 10Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 11Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 12Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 13Page - Infineon Technologies AG 12MHZ/S/3.2X2.5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
User Manual
10 of 33
Revision 1.6
2018-11-27
EVAL-M1-101T User Manual
iMOTION™ Modular Application Design Kit
EVAL-M1-101T main features
Pin
Name
Pin Name Connectors
15
VTH
Thermistor input
16
IV+
Shunt voltage phase V
17
IV-
Ground
18
IW+
Shunt voltage phase W
19
IW-
Ground
20
VCC
Defined for 15 V Power Supply (not used in this board)
Table 6, Table 7 and Table 8 include the details of test signal pin connectors.
Table 6
Digital signal test pin connecter JP1
Pin
Name
Pin Name Connectors
1
PGOUT
PG (Pulse Generation) output
2
PAR0
Parameter page select bit 0
3
PAR1
Parameter page select bit 1
4
PAR2
Parameter page select bit 2
5
GND
Ground
6
+3.3V
VDD power supply
7
PAR3
Parameter page select bit 3
8
DIR
Direction input
9
-
not used
10
-
not used
11
DUTYFREQ
Duty/Frequency input for speed input
12
-
not used
Table 7
VSP signal test pin connector JP2
Pin
Name
Pin Name Connector
1
+3.3V
VDD power supply/ +3.3V by default
2
VSP
Analog speed reference input
3
FG
open drain output for speed as shown in Figure 23
4
GND
Ground
Table 8
Analog signal test pin connector JP3
Pin
Name
Pin Name Connector
1
+3.3V
VDD power supply
2
-
not used
3
-
not used
4
PARAM
Parameter table selection
5
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com