Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 19 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 19 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 15Page - Microchip Technology MPFS250T Datasheet HTML 16Page - Microchip Technology MPFS250T Datasheet HTML 17Page - Microchip Technology MPFS250T Datasheet HTML 18Page - Microchip Technology MPFS250T Datasheet HTML 19Page - Microchip Technology MPFS250T Datasheet HTML 20Page - Microchip Technology MPFS250T Datasheet HTML 21Page - Microchip Technology MPFS250T Datasheet HTML 22Page - Microchip Technology MPFS250T Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
VIH
1
Max (V)
VIH
Min (V)
VIL
Max (V)
VIL
Min (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Standard
1.26
VREF + 0.1
VREF – 0.1
–0.3
1.26
1.2
1.14
HSTL12I
1.26
VREF + 0.1
VREF – 0.1
–0.3
1.26
1.2
1.14
HSTL12II
1.89
0.7 × VDDI
0.3 × VDDI
–0.3
1.89
1.8
1.71
HSUL18I
1.89
0.7 × VDDI
0.3 × VDDI
–0.3
1.89
1.8
1.71
HSUL18II
1.26
VREF + 0.1
VREF – 0.1
–0.3
1.26
1.2
1.14
HSUL12I
1.26
VREF + 0.08
VREF – 0.08
–0.3
1.26
1.2
1.14
POD12I
1.26
VREF + 0.08
VREF – 0.08
–0.3
1.26
1.2
1.14
POD12II
1. GPIO VIH max is 3.45 V with PCI clamp diode turned off regardless of mode, that is, over-voltage tolerant.
2. For external stub-series resistance. This resistance is on-die for GPIO.
Note: 3.3 V and 2.5 V are only supported in GPIO banks.
Table 15 • DC Output Levels
IOH
2,6
mA
IOL
2,6
mA
VOH
Min (V)
VOL
Max (V)
VDDI
Max (V)
VDDI
Typ (V)
VDDI
Min (V)
I/O Standard
0.5
1.5
0.9 × VDDI
0.1 × VDDI
3.45
3.3
3.15
PCI
1
Refer to note
2
2.4
0.4
3.45
3.3
3.15
LVTTL
VDDI – 0.4
0.4
3.45
3.3
3.15
LVCMOS33
VDDI – 0.4
0.4
2.625
2.5
2.375
LVCMOS25
VDDI – 0.45
0.45
1.89
1.8
1.71
LVCMOS18
0.75 × VDDI
0.25 × VDDI
1.575
1.5
1.425
LVCMOS15
0.75 × VDDI
0.25 × VDDI
1.26
1.2
1.14
LVCMOS12
8.1
8.1
VTT + 0.608
VTT – 0.608
2.625
2.5
2.375
SSTL25I
3
16.2
16.2
VTT + 0.810
VTT – 0.810
2.625
2.5
2.375
SSTL25II
3
6.7
6.7
VTT + 0.603
VTT – 0.603
1.89
1.8
1.71
SSTL18I
3
13.4
13.4
VTT + 0.603
VTT – 0.603
1.89
1.8
1.71
SSTL18II
3
(VDDI – VOH)/4
0
VOL/40
0.8 × VDDI
0.2 × VDDI
1.575
1.5
1.425
SSTL15I
4
(VDDI – VOH)/3
4
VOL/34
0.8 × VDDI
0.2 × VDDI
1.575
1.5
1.425
SSTL15II
4
(VDDI – VOH)/4
0
VOL/40
0.8 × VDDI
0.2 × VDDI
1.418
1.35
1.283
SSTL135I
4
15
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com