Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 81 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 81 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 77Page - Microchip Technology MPFS250T Datasheet HTML 78Page - Microchip Technology MPFS250T Datasheet HTML 79Page - Microchip Technology MPFS250T Datasheet HTML 80Page - Microchip Technology MPFS250T Datasheet HTML 81Page - Microchip Technology MPFS250T Datasheet HTML 82Page - Microchip Technology MPFS250T Datasheet HTML 83Page - Microchip Technology MPFS250T Datasheet HTML 84Page - Microchip Technology MPFS250T Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
300 mV setting
mV
425
370
350
VODPP
200 mV setting
mV
300
260
250
VODPP
100 mV setting
mV
185
160
150
VODPP
ps
15
8
TOSKEW
Transmit lane P
to N skew
3
Single PLL, 2–4
bonded lanes, 8
ps
75
TLLSKEW
Lane to lane
transmit skew
4
–40-bit fabric
width
10
Single PLL, 2–4
bonded lanes, 6
UI
8
4–80-bit fabric
width
11
Multiple PLL, 2
–4 bonded
UI
8 + Refclk skew
lanes, 8–40-bit
fabric width
11, 1
2
Multiple PLL, 2
–4 bonded
UI
32 + Refclk skew
lanes, 64–80-bit
fabric width
11, 1
2
ns
20
TTxEITrEntry
Electrical idle
transition entry
time
7
ns
19
TTxEITrExit
Electrical idle
transition exit
time
7
mV
7
VTxEIpp
Electrical idle
amplitude
PFD cycles
1600
TTXLock
TXPLL lock time
Frequency lock
REFCLK UIs
75,000
TDPLLLock
Digital PLL lock
time
8
Phase lock
REFCLK UIs
150,000
Data rate ≥10.3
125 Gbps to 12.
UI UI
0.22 0.1
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
7 Gbps
9 (Tx V
CO
rate 5.16 GHz to
6.35 GHz)
TXPLL in integer
mode
77
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com